Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM3635 Datasheet(PDF) 17 Page - Mitsumi Electronics, Corp.

Part No. MM3635
Description  Lithium-ion battery charge control IC
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUMI [Mitsumi Electronics, Corp.]
Homepage  https://www.mitsumi.co.jp/index_e.html
Logo 

MM3635 Datasheet(HTML) 17 Page - Mitsumi Electronics, Corp.

Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
Lithium-ion battery charge control IC MM3635
Characteristics (Except where noted otherwise VCC=5.0V, RICHG=74.2k , ROSC=100k , CVSEL=H, Ta=25°C)
Note :
These are typical characteristics.
20
18
16
14
12
10
8
6
4
2
0
BAT voltage (V)
0
1
2
3
4
5
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
Charge current (mA)
0
2
4
6
8
10 12 14 16 18 20
2
1.6
1.2
0.8
0.4
0
VCC (V)
0
1
2
3
4
5
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
−0.2
VCC (V)
0
1
2
3
4
5
Charge current - BAT voltage
RICHG voltage - Charge current
Supply current - VCC
VSENSE current - VCC
RICHG external resistor (k )
0
10 20 30 40 50 60 70 80 90 100
1000
800
600
400
200
0
Charge current - RICHG external resistor
ROSC external resistor (k )
0
100
1000
120
100
80
60
40
20
0
Foc - ROSC external resistor


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn