Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM3635 Datasheet(PDF) 15 Page - Mitsumi Electronics, Corp.

Part No. MM3635
Description  Lithium-ion battery charge control IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3635 Datasheet(HTML) 15 Page - Mitsumi Electronics, Corp.

Back Button MM3635 Datasheet HTML 11Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 12Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 13Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 14Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 15Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 16Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 17Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 18Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 19Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
Lithium-ion battery charge control IC MM3635
Flow Chart
AC adaptor
connection
Reset
LED : OFF
Charge start
LED : Lighting
AC adaptor
Pull out
Charge completion
LED : OFF
Re-Charge
LED : Lighting
Charge Error
Charge OFF
LED : OFF
Trickle Charge mode
Iprechg(0.1C)/Vchg1(4.2V)
Tdchg(60min)TART
Fast-Charge mode
Irapchg(1.0C)/Vchg1(4.2V)
Tchg(300min)TART
No
No
No
No
No
No
No
No
Reset release
VCC
Vpor(2.5V)
Adaptor detection time
Tadp2(64us)
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
VSENSE pin discharge
Idischg2(200µA)
Tdischg(64ms)
Adaptor connection detection
VCC Vadp(3.8V)
Adaptor detection time
Tadp(32ms)
Tdchg(60min)
Timeout
Tchg(300min)
Timeout
Tdchg(60min) timer
Reset
Tchg(300min) timer
Reset
Timer reset
Error reset
Battery voltage detection
VBAT Vqchgon(3.0V)
Detection time : Tqstart(128ms)
Battery voltage detection
VBAT 3.0V
Detection time : Tqstart(128ms)
Battery voltage check
Detection time : Tqstart(128ms)
Battery voltage check
Detection time : Tqstart(128ms)
Charge current detection
Ichg Ifc(0.1C)
Detection time : Tqstart(128ms)
Charge completion flag clear
LED : Lighting
Recharge voltage detection
VBAT Vrechg(3.97V)
Detection time : Trechg(256ms)
Forced Charge ON
Istart (0.3C)/Vchg(4.2V)
/Tistart(512ms)
Forced Charge OFF
Toff(128ms)
VSENSE pin discharge
Idischg2(200µA)/Tdischg(64ms)
Charge OFF
Toff(128ms)
VSENSE pin discharge
Idischg2(200µA)/Tdischg(64ms)
Charge OFF
Toff(128ms)
VSENSE pin discharge
Idischg2(200µA)/Tdischg(64ms)
*1
All typ. numeric value.
*2
Charge current, charge completion current and
each detection time for RICHG=74.2k , ROSC=100k ,
CVSEL=H.
VSENSE pin discharge
Idischg1(10µA)


Similar Part No. - MM3635

ManufacturerPart No.DatasheetDescription
Mitsumi Electronics, Corp.
Mitsumi Electronics, Co...
MM3630BR MITSUMI-MM3630BR Datasheet
214Kb / 10P
   Output voltage compensation DC/DC converter for USB
MM3630BV MITSUMI-MM3630BV Datasheet
458Kb / 14P
   Output voltage compensation DC/DC converter for USB
MM3631 MITSUMI-MM3631 Datasheet
207Kb / 10P
   Charge pump voltage converter IC
MM3638 MITSUMI-MM3638 Datasheet
50Kb / 4P
   One-cell li-ion/li-polymer battery protection IC
MM3638A01RRE MITSUMI-MM3638A01RRE Datasheet
50Kb / 4P
   One-cell li-ion/li-polymer battery protection IC
More results

Similar Description - MM3635

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
Mitsumi Electronics, Corp.
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM8013 MITSUMI-MM8013 Datasheet
46Kb / 3P
   Lithium-ion battery charge control IC
MM3439 MITSUMI-MM3439 Datasheet
161Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM3458 MITSUMI-MM3458 Datasheet
210Kb / 29P
   Lithium-ion battery charge control IC
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AP4305 AKM-AP4305 Datasheet
897Kb / 32P
   USB Lithium-Ion Battery Charge Control IC
Renesas Technology Corp
Renesas Technology Corp
M62242FP RENESAS-M62242FP Datasheet
126Kb / 9P
   Lithium-Ion Battery Charger Control IC
R2A20050ANS RENESAS-R2A20050ANS_15 Datasheet
301Kb / 14P
   Lithium-ion battery charger control IC
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M62253FP MITSUBISHI-M62253FP Datasheet
62Kb / 5P
   LITHIUM ION BATTERY CHARGER CONTROL IC
Mitsumi Electronics, Corp.
Mitsumi Electronics, Co...
MM3324 MITSUMI-MM3324 Datasheet
94Kb / 12P
   Lithium-Ion Secondary Battery Charge Control IC for AC Charger
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz