Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM3635 Datasheet(PDF) 14 Page - Mitsumi Electronics, Corp.

Part No. MM3635
Description  Lithium-ion battery charge control IC
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUMI [Mitsumi Electronics, Corp.]
Homepage  https://www.mitsumi.co.jp/index_e.html
Logo 

MM3635 Datasheet(HTML) 14 Page - Mitsumi Electronics, Corp.

Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
Lithium-ion battery charge control IC MM3635
Thermal shutdown
Battery temperature detection
5V
0V
1.0C
0.2C
0A
10µA
(Idischg1)
300µA
1µA(Ileak)
0µA
103˚C
153˚C
93˚C
ON
ON
OFF
OFF
BAT>3.0V
[Fast charge]
VCC
BAT
Charge
Current
VSENSE
Discharge
Current
Chip
Temperature
LED
5V
0V
1.0C
0A
300µA
10µA
(Idischg1)
1µA(Ileak)
0µA
45˚C
(VDD 0.3296)
42˚C
(VDD 0.3526)
0˚C
(VDD 0.7313)
-3˚C
(VDD 0.7562)
ON
ON
ON
ON
OFF
3.0V<BAT<4.2V
[Fast charge]
[Fast charge]
[Fast charge]
VCC
BAT
Charge
Current
VSENSE
Discharge
Current
Battery
Temperature
(TH pin)
LED
128ms
(Tpro)
128ms
(Tpro)
128ms
(Tpro)
128ms
(Tpro)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn