Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM3635 Datasheet(PDF) 13 Page - Mitsumi Electronics, Corp.

Part No. MM3635
Description  Lithium-ion battery charge control IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3635 Datasheet(HTML) 13 Page - Mitsumi Electronics, Corp.

Back Button MM3635 Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 10Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 11Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 12Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 13Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 14Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 15Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 16Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 17Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
Lithium-ion battery charge control IC MM3635
BAT=4.2V, Charge start (charge completion)
BAT>4.35V, Charge start (battery overvoltage)
Fast-charge start voltage detection
Chip temperature detection
0.3C
1.0C
0.1C
5V
0V
4.2V
200µA
(Idischg2)
300µA
1µA
(Ileak)
0µA
0A
ON
OFF
OFF
OFF
ON
64ms
(Tdischg)
64ms
(Tdischg)
64ms
(Tdischg)
32ms
(Tadp)
128ms
(Toff)
128ms
(Toff)
128ms
(Tpro)
128ms
(Tqstart)
128ms
(Tqstart)
256ms
(Tifc)
512ms
(Tistart)
[Forced charge]
[charge stop]
Charge
completion
mode
VCC
BAT
Charge
Current
VSENSE
Discharge
Current
LED
VCC
BAT
Charge
Current
VSENSE
Discharge
Current
LED
5V
0V
1.0C
0.1C
0µA
0A
4.4V
OFF
OFF
32ms
(Tadp)
128ms
(Tpro)
128ms
(Tov)
[charge stop]
charge error mode
64ms
(Tdischg)
200µA
(Idischg2)
10µA
(Idischg1)
300µA
1µA(Ileak)
Full charge detection
Recharge detection
0V
5.0V
0.1C
4.2V
200µA
(Idischg2)
300µA
1µA
(Ileak)
0µA
0A
ON
ON
OFF
OFF
64ms
(Tdischg)
128ms
(Toff)
256ms
(Tifc)
128ms
(Tqstart)
[Fast charge]
[charge completion]
VCC
BAT
Charge
Current
VSENSE
Discharge
Current
LED
5.0V
3.95V
1.0C
0A
0V
200µA
(Idischg2)
300µA
1µA
(Ileak)
0µA
ON
OFF
OFF
ON
[Fast charge]
[Full charge]
VCC
BAT
Charge
Current
VSENSE
Discharge
Current
LED
64ms
(Tdischg)
128ms
(Toff)
128ms
(Tcon)
256ms
(Trechg)
0.1C
0A
1.0C
5.0V
0V
3.0V
200µA
(Idischg2)
300µA
1µA
(Ileak)
0µA
ON
ON
OFF
128ms
(Tqstart)
[Trickle charge]
[Fast charge]
VCC
BAT
Charge
Current
VSENSE
Discharge
Current
LED
5.0V
0V
1.0C
0.1C
10µA
(Idischg1)
300µA
1µA(Ileak)
0µA
0A
ON
103˚C
93˚C
ON
OFF
BAT>3.0V
[Fast charge]
Chip temperature detection
(charge current is controlled
to become Tjmax=93~103˚C)
VCC
BAT
Charge
Current
VSENSE
Discharge
Current
Chip
Temperature
LED


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn