Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM3635 Datasheet(PDF) 11 Page - Mitsumi Electronics, Corp.

Part No. MM3635
Description  Lithium-ion battery charge control IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3635 Datasheet(HTML) 11 Page - Mitsumi Electronics, Corp.

Back Button MM3635 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 10Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 11Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 12Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 13Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 14Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 15Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
Lithium-ion battery charge control IC MM3635
Timing Chart
Adaptor
Voltage
Vcc
5V
3.8V
2.5V
0V
Battery
Voltage
BAT
4.2V
3.97V
3.0V
Adaptor detection VCC >Vadp(3.8V)
Reset detection VCC >Vpor (2.5V)
charge start
Forced
charge
Tistart
512ms
CC charge1
(pre-charge)
CC charge2(fast-charge)
CV charge
charge completion
CC charge2
(recharge)
charge stop
Trechg
256ms
Tcon
128ms
Toff
128ms
Tdischg
64ms
Vo=4.20V
Tifc
256ms
Toff
128ms
Tcon
128ms
Tdischg
64ms
Chip temperature detection
(Tjmax<93~103°C)
Tqstart
128ms
Tqstart
128ms
Toff
128ms
Tdischg
64ms
Tdischg
64ms
Tadp
32ms
Tpro
128ms
Charge
Current
1.0C
0.1C
0.3C
VSENSE
Discharge
Current
300µA
200µA
(Idischg2)
1µA
(Ileak)
0
ON
OFF
OFF
OFF
ON
ON
LED
ON
Pre charge
timer
(60min)
Fast charge
timer
(300min)
OFF
ON
charge completion
recharge
charge stop(reset)
Normal charge
( All typ. numeric value)


Similar Part No. - MM3635

ManufacturerPart No.DatasheetDescription
Mitsumi Electronics, Corp.
Mitsumi Electronics, Co...
MM3630BR MITSUMI-MM3630BR Datasheet
214Kb / 10P
   Output voltage compensation DC/DC converter for USB
MM3630BV MITSUMI-MM3630BV Datasheet
458Kb / 14P
   Output voltage compensation DC/DC converter for USB
MM3631 MITSUMI-MM3631 Datasheet
207Kb / 10P
   Charge pump voltage converter IC
MM3638 MITSUMI-MM3638 Datasheet
50Kb / 4P
   One-cell li-ion/li-polymer battery protection IC
MM3638A01RRE MITSUMI-MM3638A01RRE Datasheet
50Kb / 4P
   One-cell li-ion/li-polymer battery protection IC
More results

Similar Description - MM3635

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
Mitsumi Electronics, Corp.
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM8013 MITSUMI-MM8013 Datasheet
46Kb / 3P
   Lithium-ion battery charge control IC
MM3439 MITSUMI-MM3439 Datasheet
161Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM3458 MITSUMI-MM3458 Datasheet
210Kb / 29P
   Lithium-ion battery charge control IC
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AP4305 AKM-AP4305 Datasheet
897Kb / 32P
   USB Lithium-Ion Battery Charge Control IC
Renesas Technology Corp
Renesas Technology Corp
M62242FP RENESAS-M62242FP Datasheet
126Kb / 9P
   Lithium-Ion Battery Charger Control IC
R2A20050ANS RENESAS-R2A20050ANS_15 Datasheet
301Kb / 14P
   Lithium-ion battery charger control IC
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M62253FP MITSUBISHI-M62253FP Datasheet
62Kb / 5P
   LITHIUM ION BATTERY CHARGER CONTROL IC
Mitsumi Electronics, Corp.
Mitsumi Electronics, Co...
MM3324 MITSUMI-MM3324 Datasheet
94Kb / 12P
   Lithium-Ion Secondary Battery Charge Control IC for AC Charger
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz