Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM3635 Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part No. MM3635
Description  Lithium-ion battery charge control IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3635 Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  MM3635 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
Lithium-ion battery charge control IC MM3635
Lithium-ion battery charge control IC
Monolithic IC MM3635
Outline
This IC is a linear charge control IC for low capacity battery.
Charging from 0V of battery voltage is available, so this IC is optimum for product used low-capacity battery.
Charge control voltage can be set according to a battery to be used. (4.2 or 4.05V)
Features
1. BAT Regulation Voltage
4.2V±30mV(0.7%) / 4.05V±50mV (Setting by CVSEL pin)
2. Fast Charge Current
15mA±1.8mA RICHG=74.2k
3. Charging from 0V of battery voltage.
4. Trickle-charge current, Fast-charge current, Charge completion current can be set using external
resistors(maximum charging current is 0.7 A).
5. Battery temperature detection function is provided via a thermistor, and so the charging ON/OFF can
be controlled according to the battery temperature.
6. Chip temperature detection enables control of IC temperature rises at high-power charging. The battery
can therefore be charged with optimal charging regulation.
7. Built-in charging timer. Charging timer time can be freely set using external resistor.
8. Small package
SSON-10A (2.7×2.5×0.6mm)
Package
SSON-10A
Applications
1. Cellular phones
2. Portable music players
3. Digital still cameras
4. Portable game devices


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn