Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM3635 Datasheet(PDF) 5 Page - Mitsumi Electronics, Corp.

Part No. MM3635
Description  Lithium-ion battery charge control IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3635 Datasheet(HTML) 5 Page - Mitsumi Electronics, Corp.

  MM3635 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
Lithium-ion battery charge control IC MM3635
Item
Symbol
Measurement conditions
Min.
Typ. Max. Units
Supply current
ICC
During fast charge (Irapchg = 500mA setting)
3.0
4.5
mA
Leak current
Ileak
Inflow current of BAT/VSENSE pin under the
following conditions :
1. BAT (=VSENSE)=3.6V AC adaptor is unconnected
2. Charging is completed
12
µA
Reset detection voltage
Vpor
Reset mode when VCC VPOR
2.3
2.5
2.7
V
ADP detection voltage
Vadp
Charging stops when VCC Vadp
3.6
3.8
4.0
V
VSENSE pin discharge current 1
Idischg1
VSENSE (=BAT)=3.2V in charge error mode
10.0
20.0
µA
VSENSE pin discharge current 2
Idischg2
VSENSE (=BAT)=3.2V
100
200
300
µA
Fast-charge start detection voltage
Vqchgon
Applied to detection voltage from trickle
charge to fast charge
2.9
3.0
3.1
V
Fast-charge start detection
voltage hysteresis
Vqchgonhys
Applied to detection voltage from fast
charge to trickle charge
40
90
120
mV
Recharge detection voltage
Vrechg1
CVSEL=H
3.85
3.95
4.05
V
Vrechg2
CVSEL=L
3.70
3.80
3.90
BAT regulation voltage
Vchg1
CVSEL=H
4.17
4.20
4.23
V
Vchg2
CVSEL=L
4.00
4.05
4.10
Charge stop I/O potential
difference 1
Vdef1
Charge stops when VCC−BAT Vdef1
VCC=H L
530
65
mV
Charge stop I/O potential
difference 2
Vdef2
Charge stops when VCC−BAT Vdef2
VCC=L H
545
65
mV
Battery overvoltage detection voltage
Vov
VCC= Vov+100mV
4.27
4.35
4.43
V
Forced charge current
Istart
RICHG=74.2k
0.3C (1.0C=Irapchg)
3.10
3.85
4.60
mA
Trickle-charge current
Iprechg
RICHG=74.2k
0.1C (1.0C=Irapchg)
0.75
1.00
1.25
mA
Fast-charge current
Irapchg
RICHG=74.2k
1.0C
BAT=3.6V
13.2
15.0
16.8
mA
Charge completion current
Ifc
RICHG=74.2k
BAT=Vqchgon
0.75
1.00
1.25
mA
Chip temperature detection1( 1)
Ttreg1
Applied to Tj (chip temperature)
83
93
103
°C
Chip temperature detection2( 1)
Ttreg2
Applied to Tj (chip temperature)
103
°C
Chip temperature detection
difference ( 1)
Tdtreg
Applied to Tj (chip temperature)
Ttreg2−Ttreg1
510
15
°C
Thermal shutdown temperature ( 1)
Tsd
Applied to Tj (chip temperature)
143
153
163
°C
Temperature detecting
reference voltage
VDD
VDD pin Output Voltage
1.92
V
Temperature detecting
reference terminal current ( 1)
IDD
VDD pin Output Current
3
mA
note : 1 The parameter is guaranteed by design.
Electrical Characteristics (Except where noted otherwise Ta=0~45°C, VCC=5.0V)


Similar Part No. - MM3635

ManufacturerPart No.DatasheetDescription
Mitsumi Electronics, Corp.
Mitsumi Electronics, Co...
MM3630BR MITSUMI-MM3630BR Datasheet
214Kb / 10P
   Output voltage compensation DC/DC converter for USB
MM3630BV MITSUMI-MM3630BV Datasheet
458Kb / 14P
   Output voltage compensation DC/DC converter for USB
MM3631 MITSUMI-MM3631 Datasheet
207Kb / 10P
   Charge pump voltage converter IC
MM3638 MITSUMI-MM3638 Datasheet
50Kb / 4P
   One-cell li-ion/li-polymer battery protection IC
MM3638A01RRE MITSUMI-MM3638A01RRE Datasheet
50Kb / 4P
   One-cell li-ion/li-polymer battery protection IC
More results

Similar Description - MM3635

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
Mitsumi Electronics, Corp.
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM8013 MITSUMI-MM8013 Datasheet
46Kb / 3P
   Lithium-ion battery charge control IC
MM3439 MITSUMI-MM3439 Datasheet
161Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM3458 MITSUMI-MM3458 Datasheet
210Kb / 29P
   Lithium-ion battery charge control IC
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AP4305 AKM-AP4305 Datasheet
897Kb / 32P
   USB Lithium-Ion Battery Charge Control IC
Renesas Technology Corp
Renesas Technology Corp
M62242FP RENESAS-M62242FP Datasheet
126Kb / 9P
   Lithium-Ion Battery Charger Control IC
R2A20050ANS RENESAS-R2A20050ANS_15 Datasheet
301Kb / 14P
   Lithium-ion battery charger control IC
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M62253FP MITSUBISHI-M62253FP Datasheet
62Kb / 5P
   LITHIUM ION BATTERY CHARGER CONTROL IC
Mitsumi Electronics, Corp.
Mitsumi Electronics, Co...
MM3324 MITSUMI-MM3324 Datasheet
94Kb / 12P
   Lithium-Ion Secondary Battery Charge Control IC for AC Charger
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz