Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM3635 Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part No. MM3635
Description  Lithium-ion battery charge control IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3635 Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  MM3635 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM3635 Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
Lithium-ion battery charge control IC MM3635
Pin Description
Pin No.
Symbol
Function
1
VCC
Power supply, charge Tr input pin. Connect to an AC adaptor.
2
Rosc
Oscillation frequency setting resistance connection pin
fosc=0.912V/(1.425E-10×Rosc)
Estimation : The fosc value for each Rosc value is specified on the Characteristics page.
3
LED
LED connect pin (Nch open drain output) Turn on during charging.
4
GND
Ground pin
5
VDD
Battery temperature detecting reference voltage pin
It is not recommended to be used other than as battery temperature
detecting reference voltage (resistance connection) since it is also used for
internal charge current reference voltage.
6
TH
Battery temperature detection input pin. Connect to a thermistor.
7
CVSEL
A change pin of the charge constant voltage.
L or Open : CV=4.05V, H : CV=4.20V
8
RICHG
Charge current setting resistance connection pin
ICHG=674 ×VDD pin voltage/RICHG
Estimation: The Charge Current value for each RICHG value is specified on the
Characteristics page.
9
VSENSE
Battery voltage detection, constant voltage charge control pin
Connect to the positive side of a battery pack.
10
BAT
Charge Tr output pin
Connect to the positive side of a battery pack.
Item
Symbol
Ratings
Units
Operating temperature
TOPR
0~+45
°C
VCC Operating voltage
Vop
4.5~5.5
V
Item
Symbol
Ratings
Units
Storage temperature
TSTG
−55~+150
°C
Operating temperature
TOPR
−40~+85
°C
Pin voltage
Vin
−0.3~+6.0
V
BAT pin output current
IBAT
700
mA
LED pin sink current
ILED
20
mA
Power dissipation
Pd
1.94 ( 1)
W
note : 1 When mounted on a 40
40
1.6tmm (epoxy glass, double-sided, copper layer 90%) PC board.
Absolute Maximum Ratings
Recommended Operating Conditions


Similar Part No. - MM3635

ManufacturerPart No.DatasheetDescription
Mitsumi Electronics, Corp.
Mitsumi Electronics, Co...
MM3630BR MITSUMI-MM3630BR Datasheet
214Kb / 10P
   Output voltage compensation DC/DC converter for USB
MM3630BV MITSUMI-MM3630BV Datasheet
458Kb / 14P
   Output voltage compensation DC/DC converter for USB
MM3631 MITSUMI-MM3631 Datasheet
207Kb / 10P
   Charge pump voltage converter IC
MM3638 MITSUMI-MM3638 Datasheet
50Kb / 4P
   One-cell li-ion/li-polymer battery protection IC
MM3638A01RRE MITSUMI-MM3638A01RRE Datasheet
50Kb / 4P
   One-cell li-ion/li-polymer battery protection IC
More results

Similar Description - MM3635

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
Mitsumi Electronics, Corp.
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM8013 MITSUMI-MM8013 Datasheet
46Kb / 3P
   Lithium-ion battery charge control IC
MM3439 MITSUMI-MM3439 Datasheet
161Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM3458 MITSUMI-MM3458 Datasheet
210Kb / 29P
   Lithium-ion battery charge control IC
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AP4305 AKM-AP4305 Datasheet
897Kb / 32P
   USB Lithium-Ion Battery Charge Control IC
Renesas Technology Corp
Renesas Technology Corp
M62242FP RENESAS-M62242FP Datasheet
126Kb / 9P
   Lithium-Ion Battery Charger Control IC
R2A20050ANS RENESAS-R2A20050ANS_15 Datasheet
301Kb / 14P
   Lithium-ion battery charger control IC
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M62253FP MITSUBISHI-M62253FP Datasheet
62Kb / 5P
   LITHIUM ION BATTERY CHARGER CONTROL IC
Mitsumi Electronics, Corp.
Mitsumi Electronics, Co...
MM3324 MITSUMI-MM3324 Datasheet
94Kb / 12P
   Lithium-Ion Secondary Battery Charge Control IC for AC Charger
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz