Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM3556 Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part No. MM3556
Description  Fuel Gauge IC for Li-ion Battery
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUMI [Mitsumi Electronics, Corp.]
Homepage  https://www.mitsumi.co.jp/index_e.html
Logo 

MM3556 Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
Fuel Gauge IC for Li-ion Battery MM3556
Fuel Gauge IC for Li-ion Battery
Monolithic IC MM3556
Outline
The MM3556 is installed on boards within products that operate using batteries.
The MM3556 measures the voltage and temperature of battery packs to predict the relative charging rate %.
The relative charging rate % under various conditions can be predicted smoothly and with a high level of
precision using Mitsumi's proprietary algorithms. This helps extend the continuous operating time of mobile
devices. Current detection resistant is not required, and the built-in thermistor temperature detection circuit
and OTP memory help to reduce battery level detection costs of mobile devices.
Package
PLP-8F
Applications
1. Smart phone
2. Mobile phone
3. Digital camera
4. Mobile devices
Features
(1) Remaining battery level is calculated very precisely and smoothly only with voltage and temperature
(2) Current sensing resistor is not required and the cost and space can be reduced
(3) Detection circuit of thermistor temperature in battery pack incorporated
(4) Parameter can be stored in built-in OTP


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn