Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM3556 Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part No. MM3556
Description  Fuel Gauge IC for Li-ion Battery
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUMI [Mitsumi Electronics, Corp.]
Homepage  https://www.mitsumi.co.jp/index_e.html
Logo 

MM3556 Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
Fuel Gauge IC for Li-ion Battery MM3556
Electrical Characteristics (Except where noted otherwise Ta=25°C)
Item
Symbol
Measurement conditions
Min.
Typ. Max. Units
Operating temperature range
Topr
−20
85
°C
Operating voltage
VOP
2.2
5.5
V
Current consumption
Iactive
28
45
µA
Accuracy of voltage sensor
Vaerr
VDD=3.7V
2
mV
Communication I/F
fSCL
400
kHz
Application Circuit
VDD
SDA
VSS
SCL
INTERRUPT
MM3556
I2C BUS
C1
0.1µF
VBAT
VREG
THM
VDD
SDA
SCL
ALARM
VSS
C2
0.1µF
Pack-
Pack-
TH
TH
R2
10K
Pack+
Pack+
Pack side
Set side
Thhermisyer


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn