Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3538AL Datasheet(PDF) 9 Page - Mitsumi Electronics, Corp.

Part # MM3538AL
Description  Linear Charger for 1Cell Li-ion Battery with System-path IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3538AL Datasheet(HTML) 9 Page - Mitsumi Electronics, Corp.

Back Button MM3538AL Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3538AL Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3538AL Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM3538AL Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM3538AL Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM3538AL Datasheet HTML 10Page - Mitsumi Electronics, Corp. MM3538AL Datasheet HTML 11Page - Mitsumi Electronics, Corp. MM3538AL Datasheet HTML 12Page - Mitsumi Electronics, Corp. MM3538AL Datasheet HTML 13Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Linear Charger for 1Cell Li-ion Battery with System-path IC MM3538AL
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
9/25
1404-01.00
(Except where noted otherwise : Ta=25℃ , IN=5V )
Item
Symbol
Measurement
conditions
Min.
Typ.
Max.
Units
BATTERY TEMPERATURE DETECTION
VREF pin output voltage
VREF
2.74
2.80
2.86
V
VREF pin source current ability
IREF
Decrease to 98% of
VREF
2
mA
VREF pin leakage current
IVREF(LEAK)
VREF=3.1V
1
uA
Battery removal detection TS pin
voltage
VTBR
TS=L → H
85.0
90.0
95.0
%VREF
Battery temperature detection TS
pin voltage
when I2C 05h b07= "0"
VT10
T1 detection
TS=L → H
76.6
78.1
79.6
%VREF
VT20
T2 detection
TS=L → H
66.2
67.7
69.2
%VREF
VT30
T3 detection
TS=H → L
27.5
29.0
30.5
%VREF
VT40
T4 detection
TS=H → L
23.4
24.9
26.4
%VREF
VT50
T5 detection
TS=H → L
16.7
18.2
19.7
%VREF
Battery temperature detection TS
pin voltage
when I2C 05h b07= "1"
VT11
T1 detection
TS=L → H
71.6
73.1
74.6
%VREF
VT21
T2 detection
TS=L → H
62.7
64.2
65.7
%VREF
VT31
T3 detection
TS=H → L
31.5
33.0
34.5
%VREF
VT41
T4 detection
TS=H → L
27.9
29.4
30.9
%VREF
VT51
T5 detection
TS=H → L
21.7
23.2
24.7
%VREF
Hysteresis on TS pin voltage
detection(*7)
VTShys
2
%VREF
TS pin leakage current
ITS(LEAK)
TS=3.1V
1
uA
(*7) Guaranteed by design


Similar Part No. - MM3538AL

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3532T MITSUMI-MM3532T Datasheet
219Kb / 16P
   150mA LDO with output voltage switching function
More results

Similar Description - MM3538AL

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3721 MITSUMI-MM3721 Datasheet
49Kb / 3P
   1cell Li-ion/Li-polymer battery protection IC
MM3724 MITSUMI-MM3724 Datasheet
48Kb / 3P
   1cell Li-ion/Li-polymer battery protection IC
ME01 MITSUMI-ME01 Datasheet
54Kb / 3P
   1cell Li-ion/Li-polymer battery protection IC
MM3722 MITSUMI-MM3722 Datasheet
49Kb / 3P
   1cell Li-ion/Li-polymer battery protection IC
MD1421EXXCPAL MITSUMI-MD1421EXXCPAL Datasheet
48Kb / 3P
   1cell Li-ion/Li-polymer battery protection IC
logo
SHENZHEN FUMAN ELECTRON...
TC4054B FUMAN-TC4054B Datasheet
288Kb / 6P
   0.5A Linear Li-Ion Battery Charger IC
logo
Richtek Technology Corp...
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
   Linear Single Cell Li-Ion Battery Charger with Auto Power Path
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
   Linear Li-Ion Battery Charger
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
   Linear Li-Ion Battery Charger
logo
SHOUDING Shouding Semic...
SD8001 SHOUDING-SD8001 Datasheet
1Mb / 11P
   Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com