Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3474 Datasheet(PDF) 5 Page - Mitsumi Electronics, Corp.

Part # MM3474
Description  3 to 5cells lithium-ion/lithium-polymer battery protection IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3474 Datasheet(HTML) 5 Page - Mitsumi Electronics, Corp.

  MM3474 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3474 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3474 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3474 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3474 Datasheet HTML 5Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
3 to 5cells lithium-ion/lithium-polymer battery protection IC
Application Circuit
· 10 cells protection circuit
P+
P−
TH
RVDD1 100
RVDD2 100
RV51 1k
RVM1 2.2k
RV41 1k
RV31 1k
RSENSE 5m
RDG2
100
RDG1
100
RDV
QDV
QVM1
10m
ROV2
5.6m
ROV1
4.3m
RSEL21
ZD1
ZD2
D2
1k
RSEL11
1k
RCS
2.2k
RV21 1k
RV11 1k
RV12 1k
RV22 1k
RV32 1k
RV42 1k
RV52 1k
CSOC1
0.1µF
CSOC2
0.1µF
CSDC2
0.1µF
CCOV1
0.1µF
CCOL1
0.001µF
CCOL2
0.001µF
CCDC1
0.1µF
Discharge
control
FET
Charge
control
FET
CSDC1
0.1µF
CVDD1
10.0µF
CV51
1.0µF
CV41
1.0µF
CV31
1.0µF
CV21
1.0µF
CV11
1.0µF
CV12
1.0µF
CV22
1.0µF
CV32
1.0µF
CV42
1.0µF
CV52
1.0µF
2nd Protection
Thermistor
D
S
G
G
G
D
DS
G
S
DS
G
SD
G
SD
G
DS
SC Protector
D1
20
1
2
3
4
5
6
7
8
9
10
MM3474 (1)
MM3474 (2)
19
18
17
16
15
14
13
12
11
VDD
V5
V4
V2
V3
V1
SEL2
SOC
SDC
SEL1
OV
COV
CDC
COL1
COL2
VSS1
VSS2
CS
DCHG
V−
20
1
2
3
4
5
6
7
8
9
10
19
18
17
16
15
14
13
12
11
VDD
V5
V4
V2
V3
V1
SEL2
SOC
SDC
SEL1
OV
COV
CDC
COL1
COL2
VSS1
VSS2
CS
DCHG
V−
RSEL12
1k
RSEL22
1k
CVDD2
10.0µF
RSOC21
470k
RSDC21
470k
CCOV2
0.1µF
CCDC2
0.1µF
RSOC12
10m
RSDC12
10m
RVM2
2.2k
RCOL
1k
V10
V9
V8
V7
V6
V5
V4
V3
V2
V1
This circuit is shown as an example of typical application for reference.
According to the conditions which are actually used, the maximum rating (voltage, power dissipation, ESD
tolerance, etc.) of each parts should be verified enough.
Mitsumi Electric Co., Ltd. assumes no responsibility for any trouble or damage as a result of the use beyond
standard range of this product indicated to the electrical characteristics of this specifications.


Similar Part No. - MM3474

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3472 MITSUMI-MM3472 Datasheet
817Kb / 10P
   0.6A step-down DC-DC convertor IC
MM3478 MITSUMI-MM3478 Datasheet
257Kb / 20P
   500mA LDO with soft-start
MM3478A12 MITSUMI-MM3478A12 Datasheet
257Kb / 20P
   500mA LDO with soft-start
MM3478A13 MITSUMI-MM3478A13 Datasheet
257Kb / 20P
   500mA LDO with soft-start
MM3478A14 MITSUMI-MM3478A14 Datasheet
257Kb / 20P
   500mA LDO with soft-start
More results

Similar Description - MM3474

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3783 MITSUMI-MM3783 Datasheet
73Kb / 7P
   3 cell Lithium-ion/Lithium-polymer battery protection IC
MM3684 MITSUMI-MM3684 Datasheet
64Kb / 4P
   3 to 5 cells Lithium-ion/Lithium-polymer battery protection IC
MM3645 MITSUMI-MM3645 Datasheet
50Kb / 4P
   1cell Lithium-ion/Lithium-polymer battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5420 HMSEMI-HM5420 Datasheet
1Mb / 15P
   2 lithium ion/lithium polymer battery protection IC
logo
Unisonic Technologies
UB242 UTC-UB242 Datasheet
230Kb / 13P
   LITHIUM-ION/POLYMER BATTERY PROTECTION IC
logo
Guangdong Kexin Industr...
KP00Q01 KEXIN-KP00Q01 Datasheet
511Kb / 8P
   Lithium-ion/Polymer Battery Protection IC
logo
Unisonic Technologies
UB24205 UTC-UB24205_17 Datasheet
191Kb / 10P
   LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB24205 UTC-UB24205 Datasheet
171Kb / 10P
   LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB242 UTC-UB242_17 Datasheet
260Kb / 13P
   LITHIUM-ION/POLYMER BATTERY PROTECTION IC
logo
Guangdong Kexin Industr...
KP00Q02 KEXIN-KP00Q02 Datasheet
658Kb / 8P
   Lithium-ion/Polymer Battery Protection IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com