Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3458 Datasheet(PDF) 5 Page - Mitsumi Electronics, Corp.

Part # MM3458
Description  Lithium-ion battery charge control IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3458 Datasheet(HTML) 5 Page - Mitsumi Electronics, Corp.

  MM3458 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3458 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3458 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3458 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3458 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3458 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3458 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM3458 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM3458 Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
Lithium-ion battery charge control IC MM3458
Item
Symbol
Measurement conditions
Min. Typ. Max. Units
Supply current 1
ICC1
During fast charge (Irapchg = 500mA setting)
3.0
4.5
mA
Supply current 2 ( 1)
ICC2
During fast charge (Irapchg = 1000mA setting)
3.5
5.2
mA
Leak current 1
Ileak
Inflow current of BAT/VSENSE pin under the
following conditions :
1. BAT (=VSENSE)=4.2V AC adaptor is unconnected
2. VCC=4.8V charging is completed
12
µA
Leak current 1 ( 1)
Ileak
Inflow current of BAT/VSENSE pin under the
following condition:
1. BAT (=VSENSE)=1.0~4.2V AC adaptor unconnected
12
µA
Reset detection voltage
Vpor
Reset mode when VCC VPOR
2.3
2.5
2.7
V
ADP detection voltage
Vadp
Charging stops when VCC Vadp
3.6
3.8
4.0
V
VSENSE pin discharge current 1
Idischg1
VSENSE (=BAT)=3.2V in charge error mode
10
20
µA
VSENSE pin discharge current 2
Idischg2
VSENSE (=BAT)=3.2V
100
200
300
µA
Charge start detection
voltage
Vstart
Used for battery connection detection as well
Charging stops when VSENSE (=BAT) Vstart
1.0
1.1
1.2
V
Charge start detection
voltage hysteresis
Vstarthys
Not applied to battery voltage detection
immediately after reset release
50
100
150
mV
Fast-charge start detection voltage
Vqchgon
2.9
3.0
3.1
V
Fast-charge start detection
voltage hysteresis
Vqchgonhys
Applied to detection voltage from fast
charge to trickle charge
40
80
120
mV
Recharge detection voltage
Vrechg
Charging restarts when VSENSE (=BAT) Vrechg 3.87
3.97
4.07
V
BAT regulation voltage
Vchg1 Vchg2
Vchg3
Vchg1
Vth3 VTH Vth1
4.17
4.20
4.23
V
Vchg2
Vth4 VTH Vth3
4.05
4.10
4.15
Vchg3
Vth5 VTH Vth4
4.00
4.05
4.10
Charge stop I/O potential
difference 1
Vdef1
Charge stops when VCC−BAT Vdef1
VCC=High Low
530
65
mV
Charge stop I/O potential
difference 2
Vdef2
Charge stops when VCC−BAT Vdef2
VCC=Low High
545
65
mV
Battery overvoltage detection voltage
Vov
VCC= Vov+100mV
4.27
4.35
4.43
V
note : 1 The parameter is guaranteed by design.
Electrical Characteristics (Except where noted otherwise Ta=0~45°C, VCC=5.0V)


Similar Part No. - MM3458

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
MM34 PULSE-MM34 Datasheet
3Mb / 4P
   PARTS/ACCESSORIES
logo
Mitsumi Electronics, Co...
MM3404 MITSUMI-MM3404 Datasheet
175Kb / 16P
   200mA Regulator IC
MM3404A08 MITSUMI-MM3404A08 Datasheet
175Kb / 16P
   200mA Regulator IC
MM3404A09 MITSUMI-MM3404A09 Datasheet
175Kb / 16P
   200mA Regulator IC
MM3404A10 MITSUMI-MM3404A10 Datasheet
175Kb / 16P
   200mA Regulator IC
More results

Similar Description - MM3458

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
logo
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM3635 MITSUMI-MM3635 Datasheet
168Kb / 25P
   Lithium-ion battery charge control IC
MM8013 MITSUMI-MM8013 Datasheet
46Kb / 3P
   Lithium-ion battery charge control IC
MM3439 MITSUMI-MM3439 Datasheet
161Kb / 27P
   Lithium-Ion Battery Charge Control IC
logo
Asahi Kasei Microsystem...
AP4305 AKM-AP4305 Datasheet
897Kb / 32P
   USB Lithium-Ion Battery Charge Control IC
logo
Renesas Technology Corp
R2A20050ANS RENESAS-R2A20050ANS_15 Datasheet
301Kb / 14P
   Lithium-ion battery charger control IC
logo
Mitsumi Electronics, Co...
MM3324 MITSUMI-MM3324 Datasheet
94Kb / 12P
   Lithium-Ion Secondary Battery Charge Control IC for AC Charger
logo
Renesas Technology Corp
M62242FP RENESAS-M62242FP Datasheet
126Kb / 9P
   Lithium-Ion Battery Charger Control IC
logo
Mitsubishi Electric Sem...
M62253FP MITSUBISHI-M62253FP Datasheet
62Kb / 5P
   LITHIUM ION BATTERY CHARGER CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com