Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3358 Datasheet(PDF) 12 Page - Mitsumi Electronics, Corp.

Part # MM3358
Description  Lithium-Ion Battery Charge Control IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3358 Datasheet(HTML) 12 Page - Mitsumi Electronics, Corp.

Back Button MM3358 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM3358 Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM3358 Datasheet HTML 10Page - Mitsumi Electronics, Corp. MM3358 Datasheet HTML 11Page - Mitsumi Electronics, Corp. MM3358 Datasheet HTML 12Page - Mitsumi Electronics, Corp. MM3358 Datasheet HTML 13Page - Mitsumi Electronics, Corp. MM3358 Datasheet HTML 14Page - Mitsumi Electronics, Corp. MM3358 Datasheet HTML 15Page - Mitsumi Electronics, Corp. MM3358 Datasheet HTML 16Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
Lithium-Ion Battery Charge Control IC MM3358
Item
Symbol Measurement
circuit
Measuring circuit
Forced charge time
(*1)
Tistart
C
When increasing VF1 from 2.3V to 5.0V under the condition of
VF10=3.6V, measure the time from forced charge start(|I10|>1mA) to
forced charge stop(|I10|<1mA).
Forced charge OFF
time (*1)
Toff
C
After increasing VF1 from 2.3V to 5.0V under the condition of
VF10=3.6V, the half time from forced charge stop(|I10|<1mA) to
fast charge start(|I10|>1mA) should be Toff.
Battery voltage
detection time (*1)
Tcon
C
When decreasing VF10 from 4.25V to 3.8V after charge complete
mode under the condition of VF10=4.25V, the half time from when
the current of I9 exceeds 100µA to when V3=Low to High and the
charging restarts(|I10|>1mA) should be Tcon.
Fast charge start
voltage detection time
(*1)
Tqstart
C
When increasing VF10 from 2.6V to 3.6V under the condition of trickle
charge mode, VF10=2.6V, and R8=2.32kΩ, measure the time from when
VF10>3.0V(Vqchgon) to when fast charge starts(|I10|>530mA).
Charge completion current
detection time (*1)
Tifc
F
When decreasing IF10 from-80mA to -30mA under the condition
of fast charge mode and R8=2.32kΩ, measure the time from when
IF10>-56mA(Ifc) to when the charging stops (I10>-1mA).
Recharge start voltage
detection time (*1)
Trechg
C
When decreasing VF10 from 4.25V to 3.8V after charge completion
mode under the condition of VF10=4.25V, measure the time from
when VF10<3.97V(Vrechg) to when the current of I9 exceeds 100µA.
Trickle-charge timer (*1)
Tdchg
C
When decreasing VF7 from 5.0V to 0V under the condition of trickle
charge mode, VF7=5.0V, VF10=2.6V, and time reduction mode(See Pin
description), measure the time from when VF10<0.5V (Vtmr) to when V3
starts blinking(V3=High to Low, charge error mode) and the charging
stops(|I10|<1mA). Tdchg=Tdchg2×2.304E + 08/109 in time reduction
mode due to a TH pin.
Fast-charge timer (*1)
Tchg
C
When decreasing VF7 from 5.0V to 0V under the condition of fast
charge mode, VF7=5.0V, VF10=3.6V, and time reduction mode(See
Pin description), measure Tchg2 that is the time from when
VF10<0.5V(Vtmr) to when V3 starts blinking(V3=High to Low, charge
error mode) and the charging stops (|I10|<1mA).
Tchg=Tchg2×1.152E + 09/137 in time reduction mode due to a TH pin.
Battery overvoltage
detection time (*1)
Tov
C
When increasing VF10 from 3.6V to 4.5V under the condition of fast charge
mode and VF10=3.6V, measure the time from when VF10>4.35V(Vov) to
when V3 starts blinking (V3=High to Low, charge error mode).
Charge stop temperature
detection time (*1)
Tpro
C
When increasing(decreasing) VF6 from 1.0V to 2.0V(0V) under the
condition of fast charge mode, VF6=1.0V, and VF10=3.6V, measure
the time from when VF6>VthSL(VF6<VthSH) to when V3=High to
Low and the charging stops(|I10|<1mA).
Charge recovery
temperature detection
time (*1)
Tpro
C
When decreasing (increasing) VF6 from 2.0V(0V) to 1.0V under
the condition of charge stop detection mode, VF6=2.0V(0V), and
VF10=3.6V, measure the time from when VF6<VthRL(VF6>VthRH)
to when V3=Low to High and the charging restarts (|I10|>1mA).
note : 1 The parameter is guaranteed by design.


Similar Part No. - MM3358

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3313 MITSUMI-MM3313 Datasheet
110Kb / 9P
   AC input detection and power supply protection IC
MM3324 MITSUMI-MM3324 Datasheet
94Kb / 12P
   Lithium-Ion Secondary Battery Charge Control IC for AC Charger
MM3333XN MITSUMI-MM3333XN Datasheet
76Kb / 9P
   Step-up DC-DC Converter IC
MM3348 MITSUMI-MM3348 Datasheet
96Kb / 10P
   300mA Dual Voltage Regulator IC
MM334X MITSUMI-MM334X Datasheet
136Kb / 12P
   Low-Saturation voltage 300mA LDO
More results

Similar Description - MM3358

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
logo
Mitsumi Electronics, Co...
MM3635 MITSUMI-MM3635 Datasheet
168Kb / 25P
   Lithium-ion battery charge control IC
MM8013 MITSUMI-MM8013 Datasheet
46Kb / 3P
   Lithium-ion battery charge control IC
MM3458 MITSUMI-MM3458 Datasheet
210Kb / 29P
   Lithium-ion battery charge control IC
MM3439 MITSUMI-MM3439 Datasheet
161Kb / 27P
   Lithium-Ion Battery Charge Control IC
logo
Asahi Kasei Microsystem...
AP4305 AKM-AP4305 Datasheet
897Kb / 32P
   USB Lithium-Ion Battery Charge Control IC
logo
Renesas Technology Corp
R2A20050ANS RENESAS-R2A20050ANS_15 Datasheet
301Kb / 14P
   Lithium-ion battery charger control IC
logo
Mitsumi Electronics, Co...
MM3324 MITSUMI-MM3324 Datasheet
94Kb / 12P
   Lithium-Ion Secondary Battery Charge Control IC for AC Charger
logo
Renesas Technology Corp
M62242FP RENESAS-M62242FP Datasheet
126Kb / 9P
   Lithium-Ion Battery Charger Control IC
logo
Mitsubishi Electric Sem...
M62253FP MITSUBISHI-M62253FP Datasheet
62Kb / 5P
   LITHIUM ION BATTERY CHARGER CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com