Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM3324 Datasheet(PDF) 9 Page - Mitsumi Electronics, Corp.

Part No. MM3324
Description  Lithium-Ion Secondary Battery Charge Control IC for AC Charger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3324 Datasheet(HTML) 9 Page - Mitsumi Electronics, Corp.

Back Button MM3324 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3324 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3324 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3324 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM3324 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM3324 Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM3324 Datasheet HTML 10Page - Mitsumi Electronics, Corp. MM3324 Datasheet HTML 11Page - Mitsumi Electronics, Corp. MM3324 Datasheet HTML 12Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
Lithium-Ion Secondary Battery Charge Control IC for AC Charger MM3324
VDD
BAT pin
voltage
Charging
current
LED-R
LED-G
4.2V
0V
0A
ON
ON
ON
OFF
OFF
OFF
VDD,ON VDD control voltage
start
4.2V
Output
voltage
2.0V
2.9V
Low voltage
detection
Pre charge
detection
BAT output voltage
3.9V
Pre charge
detection
Re-charge
Pre charge Fast charging
VDD control voltage
Full charge
VDD
LED-R
LED-G
6V
0V
3V
0A
OFF
OFF
BAT pin
voltage
Charging
current
OFF
OFF
4.2V
0V
3V
0A
VDD
BAT pin
voltage
Charging
current
LED-R
LED-G
VDD control voltage
OFF
OFF
ON
OFF
ON
OFF
VDD
LED-R
LED-G
4.2V
0V
4.35V
0A
BAT pin overvoltage detection more than 0.073s
VDD control voltage
BAT pin
voltage
Charging
current
Case of normal charging
Timing Chart
Case of connecting abnormal adapter
Case of setting battery error
 (temparature detection pin ; open)
Case of overcharged battery


Similar Part No. - MM3324

ManufacturerPart No.DatasheetDescription
Mitsumi Electronics, Corp.
Mitsumi Electronics, Co...
MM3313 MITSUMI-MM3313 Datasheet
110Kb / 9P
   AC input detection and power supply protection IC
MM3333XN MITSUMI-MM3333XN Datasheet
76Kb / 9P
   Step-up DC-DC Converter IC
MM3348 MITSUMI-MM3348 Datasheet
96Kb / 10P
   300mA Dual Voltage Regulator IC
MM334X MITSUMI-MM334X Datasheet
136Kb / 12P
   Low-Saturation voltage 300mA LDO
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
More results

Similar Description - MM3324

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
Mitsumi Electronics, Corp.
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
Renesas Technology Corp
Renesas Technology Corp
M62242FP RENESAS-M62242FP Datasheet
126Kb / 9P
   Lithium-Ion Battery Charger Control IC
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M62253FP MITSUBISHI-M62253FP Datasheet
62Kb / 5P
   LITHIUM ION BATTERY CHARGER CONTROL IC
Renesas Technology Corp
Renesas Technology Corp
R2A20050ANS RENESAS-R2A20050ANS_15 Datasheet
301Kb / 14P
   Lithium-ion battery charger control IC
Mitsumi Electronics, Corp.
Mitsumi Electronics, Co...
MM3635 MITSUMI-MM3635 Datasheet
168Kb / 25P
   Lithium-ion battery charge control IC
MM8013 MITSUMI-MM8013 Datasheet
46Kb / 3P
   Lithium-ion battery charge control IC
MM3439 MITSUMI-MM3439 Datasheet
161Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM3458 MITSUMI-MM3458 Datasheet
210Kb / 29P
   Lithium-ion battery charge control IC
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AP4305 AKM-AP4305 Datasheet
897Kb / 32P
   USB Lithium-Ion Battery Charge Control IC
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz