Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

JJL36150 Datasheet(PDF) 1 Page - Schneider Electric

Part No. JJL36150
Description  PowerPact J-Frame breaker, thermal-magnetic, 150 A, 3P, 25 kA at 600 VAC
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SCHNEIDER [Schneider Electric]
Homepage  https://www.se.com/us/en/
Logo 

JJL36150 Datasheet(HTML) 1 Page - Schneider Electric

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
JJL36150
PowerPact J-Frame breaker, thermal-magnetic,
150 A, 3P, 25 kA at 600 VAC
Product availability : Stock - Normally stocked in distribution facility
Price* : 5,432.00 USD
Main
Product or component type
Circuit breaker
Range of product
PowerPact J
Trip unit technology
Thermal-magnetic
Breaking capacity code
J
Complementary
Line Rated Current
150 A
Number of poles
3
Poles description
3P
Breaking capacity
100 kA 240 V AC
65 kA 480 V AC
25 kA 600 V AC
20 kA 250 V DC
[Ue] rated operational voltage
600 V AC
250 V DC
Continuous current rating
80 %
Mounting mode
Unit mount
Electrical connection
Lugs load
Lugs line
AWG gauge
AWG 4...AWG 4/0 aluminium/copper
Magnetic hold current
750 A
Magnetic tripping current
1500 A
Maximum Height
7.52 in (191.01 mm)
Maximum Width
4.12 in (104.65 mm)
Maximum Depth
5 in (127.00 mm)
Tightening torque
230.12 lbf.in (26 N.m) 0.04…0.15 in² (25…95 mm²) AWG 4...AWG 4/0)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Sep 9, 2020
1


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn