Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5338 Datasheet(PDF) 20 Page - Silicon Laboratories

Part # SI5338
Description  I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5338 Datasheet(HTML) 20 Page - Silicon Laboratories

Back Button SI5338_V01 Datasheet HTML 16Page - Silicon Laboratories SI5338_V01 Datasheet HTML 17Page - Silicon Laboratories SI5338_V01 Datasheet HTML 18Page - Silicon Laboratories SI5338_V01 Datasheet HTML 19Page - Silicon Laboratories SI5338_V01 Datasheet HTML 20Page - Silicon Laboratories SI5338_V01 Datasheet HTML 21Page - Silicon Laboratories SI5338_V01 Datasheet HTML 22Page - Silicon Laboratories SI5338_V01 Datasheet HTML 23Page - Silicon Laboratories SI5338_V01 Datasheet HTML 24Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Si5338
20
Rev. 1.6
Synthesis of the output clocks is performed in two
stages, as shown in Figure 5. The first stage consists of
a high-frequency analog phase-locked loop (PLL) that
multiplies the input stage to a frequency within the
range of 2.2 to 2.84 GHz. Multiplication of the input
frequency is accomplished using a proprietary and
highly precise MultiSynth feedback divider (N), which
allows the PLL to generate any frequency within its
VCO range with much less jitter than typical fractional N
PLL.
Figure 5. Synthesis Stages
The second stage of synthesis consists of the output
MultiSynth dividers (MSx). Based on a fractional N
divider, the MultiSynth divider shown in Figure 6
switches seamlessly between the two closest integer
divider values to produce the exact output clock
frequency with 0 ppm error.
To eliminate phase error generated by this process, the
MultiSynth block calculates the relative phase difference
between the clock produced by the fractional-N divider
and the desired output clock and dynamically adjusts
the phase to match the ideal clock waveform. This novel
approach makes it possible to generate any output
clock frequency without sacrificing jitter performance.
This architecture allows the output of each MultiSynth to
produce any frequency from 5 to Fvco/8 MHz. To
support higher frequency operation, the MultiSynth
divider can be bypassed. In bypass mode, integer divide
ratios of 4 and 6 are supported. This allows for output
frequencies of Fvco/4 and Fvco/6 MHz, which translates
to 367–473.33 MHz and 550–710 MHz respectively.
Because each MultiSynth uses the same VCO output,
there are output frequency limitations when output
frequencies greater than Fvco/8 are desired.
For example, if 375 MHz is needed at the output of
MultiSynth0, the VCO frequency would need to be
2.25 GHz. Now, all the other MultiSynths can produce
any frequency from 5 MHz up to a maximum frequency
of 2250/8 = 281.25 MHz. MultiSynth1,2,3 could also
produce Fvco/4 = 562.5 MHz or Fvco/6 = 375 MHz. Only
two unique frequencies above Fvco/8 can be output:
Fvco/6 and Fvco/4.
Figure 6. Silicon Labs’ MultiSynth Technology
Phase
Frequency
Detector
Loop
Filter
VCO
MultiSynth
÷MS0
MultiSynth
÷MS1
MultiSynth
÷MS2
MultiSynth
÷MS3
MultiSynth
÷N
Synthesis
Stage 1
(APLL)
Synthesis
Stage 2
ref
fb
2.2-2.84 GHz
Fractional-N
Divider
Phase
Adjust
Phase Error
Calculator
Divider Select
(DIV1, DIV2)
fVCO
fOUT
MultiSynth


Similar Part No. - SI5338_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5338-EVB SILABS-SI5338-EVB Datasheet
715Kb / 170P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5338-PROG-EVB SILABS-SI5338-PROG-EVB Datasheet
715Kb / 170P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5338A SKYWORKS-SI5338A Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.6
logo
Silicon Laboratories
SI5338A-A-GM SILABS-SI5338A-A-GM Datasheet
715Kb / 170P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5338A-A-GMR SILABS-SI5338A-A-GMR Datasheet
715Kb / 170P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
More results

Similar Description - SI5338_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5338 SILABS-SI5338 Datasheet
715Kb / 170P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5338 SKYWORKS-SI5338 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.6
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
logo
Silicon Laboratories
SI5334 SILABS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5335 SILABS-SI5335 Datasheet
1Mb / 47P
   WEB-CUSTOMIZABLE, ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR/BUFFER
logo
Skyworks Solutions Inc.
SI5335 SKYWORKS-SI5335 Datasheet
1Mb / 47P
   WEB-CUSTOMIZABLE, ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR/BUFFER
Rev. 1.4
SI5356A SKYWORKS-SI5356A Datasheet
1Mb / 28P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1–200 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI5351A-B SILABS-SI5351A-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
SI5356B SILABS-SI5356B Datasheet
779Kb / 29P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1??00 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5351-B SKYWORKS-SI5351-B Datasheet
1Mb / 48P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com