Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK34A Datasheet(PDF) 3 Page - Dongguan City Niuhang Electronics Co.LTD

Part # SK34A
Description  LOW VF SCHOTTKY RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

SK34A Datasheet(HTML) 3 Page - Dongguan City Niuhang Electronics Co.LTD

  SK34A Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD SK34A Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD SK34A Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Niu Hang
Specification
Electronic Co. Ltd
For Approval
OUTLINE DRAWINGS
SMA/DO-214AC PACKAGE OUTLINE
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.000
-
4.600
0.157
-
0.181
B
4.000
-
5.280
0.157
-
0.208
C
2.500
-
2.900
0.098
-
0.114
D
2.000
-
2.440
0.079
-
0.096
E
1.200
-
1.600
0.047
-
0.063
F
0.760
-
1.520
0.030
-
0.060
G
-
1.800
-
-
-
-
H
0.180
-
0.220
0.007
-
0.009
K
-
0.15
-
-
0.006
-
M
2.1
-
2.3
0.083
-
0.091
R
-
1.1
-
-
0.043
-
V
-
0.5︒
-
-
0.5︒
-
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
-
5.800
-
-
0.228
-
B
-
2.060
-
-
0.081
-
C
-
1.660
-
-
0.065
-
D
-
2.070
-
-
0.082
-
Packing Information
Http://www.nhel.com.cn
Data:
2014/10/20
Rev.:
A/1
Page:
3
of
3
MILLIME TERS
INCHES
DIM
OUTLINE DIMENSIONS
Product code
Pack
Reel Size
(mm)
8
Quantity
(box/carton)
SK34A
LOW VF SCHOTTKY RECTIFIERS
SK34A-SMAW
OUTLINE DIMENSIONS
MILLIMETERS
INCHES
DIM
2
Quantity
(pcs/reel)
Quantity
(reel/box)
Carton Size
L×W×H (mm)
364×364×360
Plastic surface mounted package
PCB Design(Recommended land dimensions for SMA diode. Electrode patterns for PCBs)
T/R
330
5000


Similar Part No. - SK34A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK34A MCC-SK34A Datasheet
620Kb / 3P
   3 Amp Schottky Rectifier 20 to 100 Volts
SK34A MCC-SK34A Datasheet
272Kb / 4P
   Can Be Up To 50% Smaller Than The SMC To Save Precious Board Space
logo
Taiwan Semiconductor Co...
SK34A TSC-SK34A Datasheet
130Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Microsemi Corporation
SK34A MICROSEMI-SK34A Datasheet
272Kb / 4P
   Same Electrical Characteristics As The SMC Version
logo
GOOD-ARK Electronics
SK34A GOOD-ARK-SK34A Datasheet
151Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
More results

Similar Description - SK34A

ManufacturerPart #DatasheetDescription
logo
Dongguan City Niuhang E...
MBR30L60CT NIUHANG-MBR30L60CT Datasheet
376Kb / 3P
   LOW VF SCHOTTKY RECTIFIERS
SL315B NIUHANG-SL315B Datasheet
367Kb / 3P
   LOW VF SCHOTTKY RECTIFIERS
SR5100L NIUHANG-SR5100L Datasheet
373Kb / 3P
   LOW VF SCHOTTKY RECTIFIERS
SR5100UL NIUHANG-SR5100UL Datasheet
342Kb / 2P
   LOW VF SCHOTTKY RECTIFIERS
MCR20L150CT NIUHANG-MCR20L150CT Datasheet
2Mb / 7P
   LOW VF SCHOTTKY RECTIFIERS
SR10100L-NH-OK NIUHANG-SR10100L-NH-OK Datasheet
4Mb / 4P
   LOW VF SCHOTTKY RECTIFIERS
MBR30L120-NH-OK NIUHANG-MBR30L120-NH-OK Datasheet
2Mb / 4P
   LOW VF SCHOTTKY RECTIFIERS
MBR20L45CT NIUHANG-MBR20L45CT Datasheet
413Kb / 3P
   LOW VF SCHOTTKY RECTIFIERS
logo
Jinan Jing Heng Electro...
L14 JINGHENG-L14 Datasheet
73Kb / 3P
   LOW VF SCHOTTKY RECTIFIERS
logo
Dongguan City Niuhang E...
MBR20L100CT NIUHANG-MBR20L100CT Datasheet
6Mb / 5P
   LOW VF SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com