Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RS2AF Datasheet(PDF) 2 Page - Dongguan City Niuhang Electronics Co.LTD

Part No. RS2AF
Description  FAST RECOVERY RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Homepage  http://www.dgniuhang.com/
Logo 

RS2AF Datasheet(HTML) 2 Page - Dongguan City Niuhang Electronics Co.LTD

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Niu Hang
Specification
Electronic Co. Ltd
For Approval
RATINGANDCHARACTERISTICCURVES
Http://www.nhel.com.cn
Data: 2014/10/20
Rev.: A/1
Page:
2
of
3
Fig.3- TYPICAL REVERSE CHARACTERISTICS
Fig.4- TYPICAL JUNCTION CAPACITANCE
Fig.5-MAX. NON-REPETITIVE SURGE CURRENT
Fig.6-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT
PERCENT OF RATED PEAK REVERSE VOLTAGE%
REVERSE VOLTAGE,(V)
NUMBER OF CYCLES AT 60HZ
RS2AF THRU RS2MF
FAST RECOVERY RECTIFIERS
Tc, Case Temp (℃)
FORWORD VOLTAGE,(V)
Fig.1-FORWARD CURRENT DERATING CURVE
Fig.2- TYPICAL INSTANTANEOUS FORWARD
0
0.5
1
1.5
2
2.5
0
20
40
60
80
100 120 140
RS2A THRU RS2M
Single phase half wave
60HZ Resistive or
inductive Load
0.01
0.1
1
10
0
0.5
1
1.5
2
2.5
25℃
1
10
100
0.1
1
10
100
0
10
20
30
40
50
60
1
10
100
TJ=TJMAX.
8.3ms SINGLE HALF
SINE-WAVE
JEDEC Method
0.1
1
10
100
0
20
40
60
80
100
120
140
25℃
125℃


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn