Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RS2AF Datasheet(PDF) 1 Page - Dongguan City Niuhang Electronics Co.LTD

Part No. RS2AF
Description  FAST RECOVERY RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Homepage  http://www.dgniuhang.com/
Logo 

RS2AF Datasheet(HTML) 1 Page - Dongguan City Niuhang Electronics Co.LTD

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Niu Hang
Specification
Electronic Co. Ltd
For Approval
VOLTAGE
CURRENT
·For surface mounted applications
· Low profile package
·Glass Passivated Chip Juntion
·Fast reverse recovery time
·Lead free in comply with EU RoHS 2011/65/EU directives
·Case: SMAF
·Terminals: Solderable per MIL-STD-750, Method 2026
·Approx. Weight:27mg 0.00086oz
·
free wheeling ,and polarity protection applications
Maximum Ratings and Electrical Characteristcs(Ratings at 25℃ ambient temperature unless otherwise specified )
RS
RS
RS
RS
RS
2D
2G
2J
2K
2M
200
400
600
800
1000
140
280
420
560
700
200
400
600
800
1000
Maximum average forward rectified current(see fig.1)
Maximum instantaneous forward voltage at 5.0 A (Note 1)
Maximum Reverse Recovery Time (Note 3)
250
Typical junction capacitance (Note 4)
Operating junction and Storage temperature range
Storage temperature range
Thermal Characteristcs (Ratings at 25℃ ambient temperature unless otherwise specified )
Unit
Note:
1.Pulse test: 300 μs pulse width,1% duty cycle
2.Pulse test: pulse width≤40ms
3. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
4.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
5.Thermal resistance from junction to lead vertical P.C.B. mounted , 0.375"(9.5mm)lead length
Http://www.nhel.com.cn
Data: 2014/10/20
Rev.: A/1
Page:
1
of 3
Typical thermal resistance (Note 5)
R θJL
25
℃/W
uA
Parameter
Symbol
Unit
I RRM
T STG
-55 to +150
Parameter
Symbol
RS2AF THRU RS2MF
TA=25℃
5
TA=100℃
R θJA
70
nS
C J
40
pF
T J
150
100
T RR
150
500
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC method at rated TL)
I FSM
50
Maximum instantaneous reversecurrent at
rated DC blockingvoltage (Note 2)
A
V F
1.3
V
Maximum DC blocking voltage
V DC
50
100
V
IF (AV)
2
A
V
Maximum RMS voltage
V RMS
35
70
V
For use in low voltage ,high frequency inverters ,DC/DC converters,
LED driver,
RS
RS
2A
2B
Maximum repetitive peak reverse voltage
V RRM
50
100
FEATURES
SMAF
MECHANICAL DATA
TYPICAL APPLICATIONS

RS2AF THRU RS2MF
FAST RECOVERY RECTIFIERS
50~1000 Volts
2.0
Ampers
Marking and single size


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn