Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2AA Datasheet(PDF) 1 Page - Dongguan City Niuhang Electronics Co.LTD

Part # RS2AA
Description  FAST RECOVERY RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

RS2AA Datasheet(HTML) 1 Page - Dongguan City Niuhang Electronics Co.LTD

  RS2AA Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD RS2AA Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD RS2AA Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Niu Hang
Specification
Electronic Co. Ltd
For Approval
VOLTAGE
CURRENT
· Fast switching for high efficiency
· Low cost
· Diffused junction
· Low reverse leakage current
· Low forward voltage drop
· High current capability
· The plastic material carries UL recognition 94V-0
· Case: Molded Plastic
· Epoxy: UL 94V-0 rate flame retardant
· Mounting position: Any
· Weight: 0.003 ounces,0.093 grams
· For use in low voltage ,high frequency inverters ,DC/DC converters,LED driver,
free wheeling ,and polarity protection applications
Maximum Ratings and Electrical Characteristcs(Ratings at 25℃ ambient temperature unless otherwise specified )
RS
RS
RS
RS
RS
2DA
2GA
2JA
2KA
2MA
200
400
600
800
1000
140
280
420
560
700
200
400
600
800
1000
Maximum average forward rectified current(see fig.1)
Maximum instantaneous forward voltage at 5.0 A (Note 1)
Maximum Reverse Recovery Time (Note 3)
250
Typical junction capacitance (Note 4)
Operating junction and Storage temperature range
Storage temperature range
Thermal Characteristcs (Ratings at 25℃ ambient temperature unless otherwise specified )
Unit
Note:1.Pulse test: 300 μs pulse width,1% duty cycle
2.Pulse test: pulse width≤40ms
3. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
4.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
5.Thermal resistance from junction to lead vertical P.C.B. mounted , 0.375"(9.5mm)lead length
Http://www.nhel.com.cn
Data: 2014/10/20
Rev.: A/1
Page:
1
of 3
RS2AA THRU RS2MA
FAST RECOVERY RECTIFIERS
Volts
2.0 Ampers Marking and single size
FEATURES
DO-214AC(SMA)
MECHANICAL DATA
TYPICAL APPLICATIONS

RS
RS
2AA
2BA
Maximum repetitive peak reverse voltage
V RRM
50
100
V
Maximum RMS voltage
V RMS
35
70
V
Maximum DC blocking voltage
V DC
50
100
V
IF (AV)
2
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC method at rated TL)
I FSM
60
A
V F
1.3
V
TA=25℃
5
TA=100℃
100
T RR
150
500
nS
C J
30
pF
T J
-65 to +150
-65 to +150
Parameter
Symbol
RS2AA THRU RS2MA
R θJA
50
Typical thermal resistance (Note 5)
R θJL
8
℃/W
uA
Parameter
Symbol
Unit
I RRM
Maximum instantaneous reversecurrent at rated DC
blockingvoltage (Note 2)
T STG
NH
RS2XA


Similar Part No. - RS2AA

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS2AA SSE-RS2AA Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diode Semiconductor Kor...
RS2AA DSK-RS2AA Datasheet
127Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diodes Incorporated
RS2AA DIODES-RS2AA Datasheet
46Kb / 2P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15004 Rev. E-2
logo
SUNMATE electronic Co.,...
RS2AA SUNMATE-RS2AA Datasheet
425Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
Diodes Incorporated
RS2AA DIODES-RS2AA Datasheet
393Kb / 3P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15004 Rev. 9 - 2
More results

Similar Description - RS2AA

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Changzhou Shunye Electr...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com