Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JJL34250WU31X Datasheet(PDF) 1 Page - Schneider Electric

Part # JJL34250WU31X
Description  PowerPact J-Frame breaker, Micrologic 3.2, 250 A, 3P, 65 kA at 480 VAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

JJL34250WU31X Datasheet(HTML) 1 Page - Schneider Electric

  JJL34250WU31X Datasheet HTML 1Page - Schneider Electric JJL34250WU31X Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
JJL34250WU31X
PowerPact J-Frame breaker, Micrologic 3.2, 250
A, 3P, 65 kA at 480 VAC
Price* : 6,678.00 USD
Main
Product or component type
Circuit breaker
Range of product
PowerPact J
Trip unit technology
Electronic, standard, Micrologic 3.2-W, LI
Breaking capacity code
J
Complementary
Line Rated Current
250 A
Number of poles
3
Poles description
3P
Breaking capacity
100 kA 240 V AC
65 kA 480 V AC
[Ue] rated operational voltage
480 V AC
Continuous current rating
100 %
Mounting mode
Unit mount
Electrical connection
Lugs load
Lugs line
AWG gauge
AWG 3/0...350 kcmil aluminium/copper
Maximum Height
7.52 in (191.01 mm)
Maximum Width
4.12 in (104.65 mm)
Maximum Depth
5 in (127.00 mm)
Tightening torque
230.12 lbf.in (26 N.m) 0.15…0.29 in² (95…185 mm²) AWG 3/0...350 kcmil)
Environment
Product certifications
IEC
CSA
UL Listed
CCC
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Sep 9, 2020
1


Similar Part No. - JJL34250WU31X

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
JJL34250WU33X SCHNEIDER-JJL34250WU33X Datasheet
135Kb / 2P
   PowerPact J-Frame breaker, Micrologic 3.2S, 250 A, 3P, 65 kA at 480 VAC
More results

Similar Description - JJL34250WU31X

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
JGL34250WU31X SCHNEIDER-JGL34250WU31X Datasheet
129Kb / 2P
   PowerPact J-Frame breaker, Micrologic 3.2, 250 A, 3P, 35 kA at 480 VAC
JLL34250WU31X SCHNEIDER-JLL34250WU31X Datasheet
66Kb / 2P
   PowerPact J-Frame breaker, Micrologic 3.2, 250 A, 3P, 100 kA at 480 VAC
JJL34250WU43X SCHNEIDER-JJL34250WU43X Datasheet
66Kb / 2P
   PowerPact J-Frame breaker, Micrologic 5.2A, 250 A, 3P, 65 kA at 480 VAC
JJL34250WU44X SCHNEIDER-JJL34250WU44X Datasheet
66Kb / 2P
   PowerPact J-Frame breaker, Micrologic 6.2A, 250 A, 3P, 65 kA at 480 VAC
JJL34250WU53X SCHNEIDER-JJL34250WU53X Datasheet
66Kb / 2P
   PowerPact J-Frame breaker, Micrologic 5.2E, 250 A, 3P, 65 kA at 480 VAC
JJL34250WU54X SCHNEIDER-JJL34250WU54X Datasheet
66Kb / 2P
   PowerPact J-Frame breaker, Micrologic 6.2E, 250 A, 3P, 65 kA at 480 VAC
JJL34250WU33X SCHNEIDER-JJL34250WU33X Datasheet
135Kb / 2P
   PowerPact J-Frame breaker, Micrologic 3.2S, 250 A, 3P, 65 kA at 480 VAC
JDL34250WU31X SCHNEIDER-JDL34250WU31X Datasheet
132Kb / 2P
   PowerPact J-Frame breaker, Micrologic 3.2, 250A, 3P, 18 kA at 480 VAC
JDL34250WU44X SCHNEIDER-JDL34250WU44X Datasheet
66Kb / 2P
   PowerPact J-Frame breaker, Micrologic 6.2A , 250 A, 3P, 18 kA at 480 VAC
JDL34250WU53X SCHNEIDER-JDL34250WU53X Datasheet
66Kb / 2P
   PowerPact J-Frame breaker, Micrologic 5.2E, 250 A, 3P, 18 kA at 480 VAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com