Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MUR460EB Datasheet(PDF) 2 Page - Dongguan City Niuhang Electronics Co.LTD

Part No. MUR460EB
Description  SUPER FAST RECOVERY RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

MUR460EB Datasheet(HTML) 2 Page - Dongguan City Niuhang Electronics Co.LTD

  MUR460EB Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD MUR460EB Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD MUR460EB Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Niu Hang
Specification
Electronic Co. Ltd
For Approval
Http://www.nhel.com.cn
Data: 2019/08/26
Rev.: A/1
Page:
2
of
3
PERCENT OF RATED PEAK REVERSE VOLTAGE%
REVERSE VOLTAGE,(V)
Fig.3- TYPICAL REVERSE CHARACTERISTICS
Fig.4- TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60HZ
Fig.5-MAX. NON-REPETITIVE SURGE CURRENT
Fig.6-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT
MUR460EB
SUPER FAST RECOVERY RECTIFIERS
RATINGANDCHARACTERISTICCURVES
Tc, Case Temp (℃)
FORWORD VOLTAGE,(V)
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- TYPICAL INSTANTANEOUS FORWARD
0
50
100
150
1
10
100
TJ=TJMAX.
8.3ms SINGLE HALF
SINE-WAVE
JEDEC Method
0
2
4
6
0
25
50
75
100 125 150 175
Single phase half wave
60HZ Resistive or inductive
0.01
0.1
1
10
0.2 0.4 0.6 0.8 1 1.2 1.4 1.6
25℃
125℃
Tj=25℃,Pulse
test: 300 μs pulse
width,1% duty
cycle
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
25℃
100℃
125℃
1
10
100
1000
0.1
1
10
100


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn