Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MUR460EB Datasheet(PDF) 1 Page - Dongguan City Niuhang Electronics Co.LTD

Part No. MUR460EB
Description  SUPER FAST RECOVERY RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

MUR460EB Datasheet(HTML) 1 Page - Dongguan City Niuhang Electronics Co.LTD

  MUR460EB Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD MUR460EB Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD MUR460EB Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Niu Hang
Specification
Electronic Co. Ltd
For Approval
VOLTAGE
CURRENT
· Silicon epitaxial high-speed diodes
· Soft recovery characteristics
· High reliability
· High surge current capability
· Good for switching mode application
· Case: Molded plastic
· Epoxy: UL 94V-0 rate flame retardant
· Mounting position: Any
· Weight: 1.10 grams
· Bothnormal and Pbfreeproductareavailable:
Normal:80~95%Sn,5~20%Pb
Pbfree:99SnabovecanmeetRohsenviromentsubstance directiverequest
· For use in low voltage ,high frequency inverters ,DC/DC converters,LED driver,
free wheeling ,and polarity protection applications
Maximum Ratings and Electrical Characteristcs(Ratings at 25℃ ambient temperature unless otherwise specified )
Maximum average forward rectified current(see fig.1)
Maximum instantaneous forward voltage at 5.0 A (Note 1)
Maximum Reverse Recovery Time (Note 3)
Typical junction capacitance (Note 4)
Operating junction and Storage temperature range
Storage temperature range
Thermal Characteristcs (Ratings at 25℃ ambient temperature unless otherwise specified )
Note:1.Pulse test: 300 μs pulse width,1% duty cycle
2.Pulse test: pulse width≤40ms
3. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
4.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
5.Thermal resistance from junction to lead vertical P.C.B. mounted , 0.375"(9.5mm)lead length
Http://www.nhel.com.cn
Data: 2019/08/26
Rev.: A/1
Page:
1
of 3
uA
Parameter
Symbol
Unit
I RRM
5
R θJA
25
R θJL
8
Maximum instantaneous reversecurrent at rated DC
blockingvoltage (Note 2)
Typical thermal resistance (Note 5)
℃/W
T STG
-65 to +175
Parameter
Symbol
MUR460EB
Unit
nS
T J
175
pF
T RR
50
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC method at rated TL)
I FSM
110
A
V F
V
V
IF (AV)
4
A
600
C J
95
V
Maximum RMS voltage
V RMS
V
600
420
Maximum DC blocking voltage
V DC
FEATURES
MECHANICAL DATA
DO-27(DO-201AD)
1.28
TYPICAL APPLICATIONS

Maximum repetitive peak reverse voltage
V RRM
MUR460EB
MUR460EB
SUPER FAST RECOVERY RECTIFIERS
600 Volts
4.0 Ampers single size
MUR460EB
XXXX


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn