Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

COM-1PDH-LPE Datasheet(PDF) 1 Page - Contec Co., Ltd

Part No. COM-1PDH-LPE
Description  RS-422A/485 1ch Serial I/O Board with Isolation for PCI Express Low Profile
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CONTEC [Contec Co., Ltd]
Homepage  https://www.contec.com/
Logo 

COM-1PDH-LPE Datasheet(HTML) 1 Page - Contec Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ver.1.02
COM-1PDH-LPE
1
RS-422A/485 1ch Serial I/O Board
with Isolation for PCI Express Low Profile
COM-1PDH-LPE
* Specifications, color and design of the products are subject to change
without notice.
This product is a low profile sized PCI Express bus-supported board
designed for extending RS-422A/485 compatible serial communication
functionality on your PC.
The product has one RS-422A/485 communication ports.
Higher noise-resistant models with isolation between a PC and bus line
as well as a surge protection circuit for communication ports. With a
128byte built-in FIFO buffer for transmission and reception of each
channel, the product supports a baud rate of up to 921,600bps.
It also comes with a Windows driver, which allows boards to be used as
OS-standard COM ports.
* The contents in this document are subject to change without notice.
* Visit the CONTEC website to check the latest details in the document.
* The information in the data sheets is as of September, 2018.
Features
Max. 921,600bps RS-422A/485 Serial Communication
The product has one RS-422A/485-standard serial ports.
Baud rates from 30 to 921,600bps can be set.
Possibly used as Windows-standard COM ports, using the bundled
driver library
Comes with a driver software that allows the products to be used under
Windows in the same way as COM ports on the PC. Under Windows,
the product supports the OS-standard Win32 API communication
function as well as Visual Basic MSComm. In addition, supplies a
diagnostic program to confirm hardware operation and to perform a
communication test with equipment.
Isolation between PCs, surge protection for all signal lines
Between PCs are electrically isolated. As isolation of the bus is provided,
this prevents electrical noise between the PC and external circuits. As
surge protection is provided on all signal lines, you can safely use the
boards in environments where you are concerned about surges causing
incorrect operation or damage to the PC.
Max. 16 boards can be installed as configured in the range COM1 -
COM256.
Up to 16 boards can be mounted on a single PC.
COM1 - COM256 can be set using the device manager.
LEDs for operation check within
LEDs are installed to check the operations and enable you to view
communication status.
Equipped with 2- piece terminal
The transmission line connection terminal that is linked to calbles can be
connected or disconnected to the board simultaneously. With tightened
screws that prevent the terminal coming off, you can safely use the
boards without unnecessary troubles.
Each channel is equipped with separate 128-byte FIFO buffers for
transmit and receive.
Employed a buffer memory 128-byte dedicated to transmission and 128-
byte for each channel.
These are FIFO format, useful for high speed communications and to
reduce the load to the CPU when transmitting/receiving. As the device
manager can be used to enable/disable the use of FIFO and set the FIFO
trigger size, you can build an optimum system according to your use.
Support for Low Profile size slot / standard size slot
Bundled with each bracket for Low Profile size slot / standard size slot.
Exchanges it for the standard size bracket when mounting on the
standard size slot.
Specification
Item
Specifications
Number ofchannels
1ch
Interface type
RS-422A/RS-485
Isolationspecification
Bus isolation
Isolationpressureproof Between bus : 500VAC
Transfer method
Asynchronous serial transfer (Full-duplex/ half-duplex)
Baud rate
30 - 921,600bps *1 *2
Data length
5, 6, 7, 8bits
1, 1.5, 2stop bits *1
Paritycheck
Even,Odd,Non-parity *1
Loarding LSI
162850or equivalent
(Eachchannelhas 128-bytereceiveand 128-byte transmit FIFO buffers.)
Connecting distance
Within 1200m *3*4
Interruptrequests
1 leveluse
I/Oaddress
Any 32-byteboundary
Power consumption
3.3VDC 550mA(Max.)
Operating temperature 0 - 50°C, 10 - 90%RH (No condensation)
Bus specification
PCI Express Base Specification Rev. 1.0a x 1
Dimension(mm)
121.69(L) x 67.90(H)
Connector used
Connector on theboard : MC 1,5/ 5-GF-3,5 P26 THR[PHOENIX CONTACT] or equivalent
to it
Transmissionlineconnection terminal : MC 1,5/ 5-STF-3,5[PHOENIX CONTACT] or
equivalent to it
Weight
60g
Standard
VCCI Class A, FCC Class A,
CE Marking (EMCDirective Class A, RoHSDirective)
*1 Theseitems canbesetbysoftware.
For the "Standard COM Driver SoftwareCOM Setup Disk"on thebundled disk, therangeis 15 - 921,600 bps.
*2 Data transmissionat highspeed may notbe performed normallydepending on theenvironment including
the typeofstatus ofconnected materialofcableand environment.
*3 The tablebelowlists anexampleof therelationship betweenbaud rateand communicationdistance.
Communication
distance
Baud rate
300m
115,200bps
600m
57,600bps
900m
19,200bps
1200m
9,600bps


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn