Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US5A Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # US5A
Description  Surface Mount Ultrafast Recovery Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

US5A Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  US5A Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD US5A Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD US5A Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
US5A THRU US5M SMC
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Surface Mount Ultrafast Recovery Rectifier
Reverse Voltage - 50 to 1000 V
Forward Current - 5 A
FEATURES
For surface mounted applications
Low profile package
Glass Passivated Chip Junction
High efficiency
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: DO-214AB/SMC
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.22g / 0.0077oz
Pinning
1.Cathode
2.Anode
 
 
 
 
  1
2
 
 
DO-214AB/SMC
Maximum Ratings and characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
Parameter
Symbols
US5A
US5B
US5D
US5G
US5J
US5K
US5M
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
at Tc = 125 °C
IF(AV)
5
A
Peak Forward Surge Current 8.3 ms Single
Half Sine Wave Superimposed on Rated Load
IFSM
120
A
Maximum Instantaneous Forward Voltage at 5A
VF
0.95
1.25
1.65
V
Maximum DC Reverse Current Ta = 25 °C
at Rated DC Blocking Voltage
Ta=125 °C
IR
5
100
μA
Maximum Reverse Recovery Time(1)
Trr
50
75
nS
Typical Thermal Resistance (2)
RθJA/
35
°C/W
Operating and Storage Temperature Range
Tj, Tstg
-55 ~ +150
°C
1)Measured with IF=0.5A,IR=1A,In=0.25A
2)P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
Marking Code
US5A
US5A
US5B
US5B
US5D
US5D
US5G
US5G
US5J
US5J
US5K
US5K
US5M
US5M


Similar Part No. - US5A

ManufacturerPart #DatasheetDescription
logo
Semikron International
US5A SEMIKRON-US5A Datasheet
232Kb / 2P
   Ultrafast silicon rectifier diodes
logo
Guangdong Juxing Electr...
US5A JUXING-US5A Datasheet
1Mb / 2P
   Surface Mount Ultra Fast Rectifiers
logo
Shenzhen Luguang Electr...
US5A LUGUANG-US5A Datasheet
192Kb / 2P
   Surface Mount Rectifiers
logo
Bytesonic Electronics C...
US5A BYTESONIC-US5A Datasheet
184Kb / 2P
   5.0AMPHIGH EFFICIENCY RECTIFIERS
logo
Formosa MS
US5A FORMOSA-US5A Datasheet
119Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - US5A

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
US2AF-SMAF YFWDIODE-US2AF-SMAF Datasheet
419Kb / 3P
   SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
US2AW-SOD123FL YFWDIODE-US2AW-SOD123FL Datasheet
420Kb / 3P
   SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
US2AF YFWDIODE-US2AF Datasheet
127Kb / 3P
   SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
US2AW YFWDIODE-US2AW Datasheet
83Kb / 3P
   SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
Shanghai Yint Electroni...
US5ABF YINT-US5ABF Datasheet
473Kb / 3P
   SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
SHIKUES Electronics
US2AG SKTECHNOLGY-US2AG Datasheet
552Kb / 3P
   SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
US1AW SKTECHNOLGY-US1AW Datasheet
828Kb / 4P
   SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
Shanghai Yint Electroni...
US3AF YINT-US3AF Datasheet
469Kb / 3P
   SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
US5ABF YFWDIODE-US5ABF Datasheet
476Kb / 3P
   Surface Mount Ultrafast Recovery Rectifier
logo
Nantong Hornby Electron...
UF3X HORNBY-UF3X Datasheet
280Kb / 3P
   SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
UN Semiconducctor INC
US1JW UNSEMI-US1JW Datasheet
2Mb / 4P
   Surface Mount Ultrafast Recovery Rectifier
Revision March 1,2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com