Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HL7588 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part No. HL7588
Description  Product Technical Specification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7588 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button HL7588 Datasheet HTML 30Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 31Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 32Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 33Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 34Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 35Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 36Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 37Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
34
Product Technical Specification
Detailed Interface Specifications
Table 24. PCM Electrical Characteristics
Signal
Description
Minimum
Typical
Maximum
Unit
Tsync_low +
Tsync_high
PCM-SYNC period
125
µs
Tsync_low
PCM-SYNC low time
62.5
µs
Tsync_high
PCM-SYNC high time
62.5
µs
TCLK-cycle
PCM-CLK period (T)
1.95
2.6
3.9
µs
TIN-setup
PCM-IN setup time
59.6
ns
TIN-hold
PCM-IN hold time
12
ns
TOUT-delay
PCM-OUT delay time
21.6
ns
TSYNC-delay
PCM-SYNC output delay
-24
31.2
ns
The following figure shows the PCM timing waveform.
Figure 4.
PCM Timing Waveform
3.15. Debug Interfaces
The AirPrime HL7548 and HL7588 modules provide 2 interfaces for a powerful debug system.
3.15.1. Trace Debug
The AirPrime HL7548 and HL7588 modules provide a Trace Debug interface, providing real-time
instruction and data trace of the modem core.
Table 25. Trace Debug Pad Description
Pad Number
Signal Name
Function
Multiplex
2
TRACE_DATA3
Trace data 3
8
TRACE_DATA1
Trace data 1
9
TRACE_DATA0
Trace data 0


Similar Part No. - HL7588

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
   High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7588

ManufacturerPart No.DatasheetDescription
Intel Corporation
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com