Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HL7588 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # HL7588
Description  Product Technical Specification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7588 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button HL7588 Datasheet HTML 29Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 30Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 31Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 32Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 33Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 34Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 35Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 36Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
33
Product Technical Specification
Detailed Interface Specifications
Pad Number
Signal Name
I/O
I/O Type
Description
23
32K_CLKOUT
O
1.8V
32.768kHz Digital Clock output
Enabling or disabling the clock out feature can be done using AT commands. For more information
about AT commands, refer to documents [2] AirPrime HL7518 and HL7548 AT Commands Interface
Guide and [3] AirPrime HL7588 AT Commands Interface Guide.
3.14. PCM
Note:
This interface is only available on the HL7588.
The Digital Audio (PCM) Interface allows connectivity with standard audio peripherals. It can be used,
for example, to connect an external audio codec.
The programmability of this interface allows addressing a large range of audio peripherals.
The signals used by the Digital Audio Interface are as follows:
PCM_SYNC: The frame synchronization signal delivers an 8 kHz/16 kHz frequency pulse that
synchronizes the frame data in and the frame data out.
PCM_CLK: The frame bit clock signal controls data transfer with the audio peripheral.
PCM_OUT: The frame “data out” relies on the selected configuration mode.
PCM_IN: The frame “data in” relies on the selected configuration mode.
The PCM interface is a high speed full duplex interface that can be used to send and receive digital
audio data to external audio ICs. The Digital Audio Interface also features the following:
PCM master or slave
16 bits data word length, linear mode
MSB first
Configurable PCM bit clock rate on 256kHz, 384kHz, 512kHz, 768kHz or 1024kHz
Long frame sync
The following table describes the pad description of the PCM interface.
Table 23. PCM Interface Pad Description
Pad Number
Signal Name
I/O
Description
33
PCM_OUT
O
PCM data out
34
PCM_IN
I
PCM data in
35
PCM_SYNC
I/O
PCM sync out
36
PCM_CLK
I/O
PCM clock
Refer to the following table for the electrical characteristics of the digital audio interface.


Similar Part No. - HL7588

ManufacturerPart #DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
   High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7588

ManufacturerPart #DatasheetDescription
Intel Corporation
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com