Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SDL-2 Datasheet(PDF) 5 Page - Eaton All Rights Reserved.

Part No. SDL-2
Description  Complies with IEC 60269-1 and 2 fuse
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EATON [Eaton All Rights Reserved.]
Homepage  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

SDL-2 Datasheet(HTML) 5 Page - Eaton All Rights Reserved.

  SDL-2 Datasheet HTML 1Page - Eaton All Rights Reserved. SDL-2 Datasheet HTML 2Page - Eaton All Rights Reserved. SDL-2 Datasheet HTML 3Page - Eaton All Rights Reserved. SDL-2 Datasheet HTML 4Page - Eaton All Rights Reserved. SDL-2 Datasheet HTML 5Page - Eaton All Rights Reserved. SDL-2 Datasheet HTML 6Page - Eaton All Rights Reserved. SDL-2 Datasheet HTML 7Page - Eaton All Rights Reserved. SDL-2 Datasheet HTML 8Page - Eaton All Rights Reserved. SDL-2 Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Technical Data 10163
Effective June 2018
NH Bases
EATON www.eaton.com
IP Protection Kits
NH fuse link
body size
Current
(Amps)
Catalogue
numbers
Fuse cover
Shroud
Phase
barrier
Ganging
link
Integral kit
Description
NH00
160
TD00-IP20
3
6
2
Triple pole protection kit for TD00-D with shrouds, fuse
covers and phase barriers
TD00-IP20I
1
Integral triple pole protection kit for TD00-DI with molded
shrouds and phase barriers
TD00-IP20IC 3
1
Integral triple pole protection kit for TD00-DI with fuse
covers and molded shrouds and phase barriers
NH1
250
TD1-IP20
3622
Triple pole protection kit with terminal shrouds, fuse cover
phase barriers and ganging links
NH2
400
TD2-IP20
NH3
630
TD3-IP20
TD00-IP20
TD00-IP20I
TD00-IP20IC
TD(size 1 to 3)-IP20
Microswitch
Catalogue numbers Pack quantity
Ratings
BVL50
1
5 A 250 V a.c.
170H0236
12
2 A 250 V a.c.
170H0238
12
2 A 250 V a.c.
Microswitch suitable for the following NH fuse links:
400 Volts gG/gL
500 Volts gG/gL and aM
690 Volts gG/gL and aM.
Note: Microswitches fit onto the fuse gripping lugs and are applicable to all Bussmann series NH fuses.
BVL50
170H0236
Accessories


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn