Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SDL-2 Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part No. SDL-2
Description  Complies with IEC 60269-1 and 2 fuse
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EATON [Eaton All Rights Reserved.]
Homepage  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

SDL-2 Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  SDL-2 Datasheet HTML 1Page - Eaton All Rights Reserved. SDL-2 Datasheet HTML 2Page - Eaton All Rights Reserved. SDL-2 Datasheet HTML 3Page - Eaton All Rights Reserved. SDL-2 Datasheet HTML 4Page - Eaton All Rights Reserved. SDL-2 Datasheet HTML 5Page - Eaton All Rights Reserved. SDL-2 Datasheet HTML 6Page - Eaton All Rights Reserved. SDL-2 Datasheet HTML 7Page - Eaton All Rights Reserved. SDL-2 Datasheet HTML 8Page - Eaton All Rights Reserved. SDL-2 Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Technical Data 10163
Effective June 2018
NH Bases
EATON www.eaton.com
3-pole Integral NH Base parts - Catalogue numbers
Catalogue numbers
Line side mounting
Load side mounting
Compatible NH Fuse
link body size
Poles
Current
(Amps)
Pack
quantity
Compatible NH fuse links
TD00-DI
Screw mounting holes Screw mounting holes 00
3-pole
160
1
400/500/690 V NH gG and
aM fuse links
TD00-DCI
Clinch nut
Clinch nut
TD00-DPI
Pressure plate
Pressure plate
TD00-DBI
70 mm fixed box lug
70 mm fixed box lug
TD00-DCPI
Clinch nut
Pressure plate
TD00-DCBI
Clinch nut
70 mm fixed box lug
TD00-DPBI
Pressure plate
70 mm fixed box lug
Poles
Compatible NH Fuse links size
Line side mounting/ Load side mounting
Integral NH Base
TD = Triple pole
00
= Compatible for NH fuse links
body size 00
I
= Integral base screw mounting/screw
mounting
C
= Clinch nut/clinch nut
I
= Integral NH Base
P
= Pressure plate/pressure plate
B
= 70 mm fixed box lug/70 mm fixed box lug
CP
= Clinch nut/pressure plate
CB
= Clinch nut/70 mm fixed box lug
PB
= Pressure plate/70 mm fixed box lug
3-pole Integral NH Base parts - Catalogue numbers structure
For example catalogue number TD00-CPI represents a 3-pole TD NH Fuse base, suitable for a NH fuse link body size 00, with C clinch
nut load side mounting and P pressure plate load side mounting, I integral base
Compatible NH
Fuse link body
size
Poles
Current
(Amps)
DIN-Rail and screw
mounting
Screw mounting
only
Pack
quantity
Compatible fuse links
00
1-pole
160
SD00-D
SD00-S
3
400/500/690 V NH gG and
aM fuse links
3-pole
160
TD00-D
N/A
1
1
1-pole
250
SD1-D
SD1-S
3
3-pole
250
TD1-D
N/A
1
2
1-pole
400
SD2-D
SD2-S
3
400
SD2-DD*
N/A
3
3-pole
400
TD2-D
N/A
1
400
TD2-DD*
N/A
1
3
1-pole
630
SD3-D*
SD3-S
3
3-pole
630
TD3-D*
N/A
1
4
1-pole
1250
N/A
SD4-S
1
1600
N/A
SD4-S1600
1
1-pole and 3-pole non integral NH Bases - Catalogue numbers
Poles
Compatible NH Fuse links body size
Mounting type
SD = Single pole
TD = Triple pole
00
= Compatible for NH fuse links body size 00
1
= Compatible for NH fuse links body size 1
2
= Compatible for NH fuse links body size 2
3
= Compatible for NH fuse links body size 3
4
= Compatible for NH fuse links body size 4
(Single pole only)
D
= DIN-Rail and screw mounting
DD
= Double fuse contact clips
S
= Screw mounting only
S1600
= Screw mounting only, 1600 A
1-pole and 3-pole non integral NH base - Catalogue numbers structure
For example catalogue number SD2-D represents a 1-pole SD NH Fuse base, suitable for a NH fuse link body size 2 fuse link, S screw
mounting only
*Double fuse contact clips


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn