Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM49FL004T-33JCE Datasheet(PDF) 8 Page - PMC-Sierra, Inc

Part # PM49FL004T-33JCE
Description  2 Mbit / 4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM49FL004T-33JCE Datasheet(HTML) 8 Page - PMC-Sierra, Inc

Back Button PM49FL004T-33JCE Datasheet HTML 4Page - PMC-Sierra, Inc PM49FL004T-33JCE Datasheet HTML 5Page - PMC-Sierra, Inc PM49FL004T-33JCE Datasheet HTML 6Page - PMC-Sierra, Inc PM49FL004T-33JCE Datasheet HTML 7Page - PMC-Sierra, Inc PM49FL004T-33JCE Datasheet HTML 8Page - PMC-Sierra, Inc PM49FL004T-33JCE Datasheet HTML 9Page - PMC-Sierra, Inc PM49FL004T-33JCE Datasheet HTML 10Page - PMC-Sierra, Inc PM49FL004T-33JCE Datasheet HTML 11Page - PMC-Sierra, Inc PM49FL004T-33JCE Datasheet HTML 12Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Programmable Microelectronics Corp.
Issue Date: December, 2003 Rev: 1.4
PMC
Pm49FL002 / 004
8
SECTOR AND BLOCK ERASE
The Pm49FL002 contains sixty-four uniform 4 Kbyte sec-
tors, or sixteen uniform 16 Kbyte blocks (sector group -
consists of four adjecent sectors). The Pm49FL004 con-
tains one hundred and twenty-eight uniform 4 Kbyte sec-
tors, or eight uniform 64 Kbyte blocks (sector group -
consists of sixteen adjecent sectors). A sector erase
command is used to erase an individual sector. A block
erase command is used to erase an individual block.
See Table 12 - 13 for Sector/Block Address Tables.
In FWH/LPC mode, an erase operation is activated by
writing the six-byte command sequence through six con-
secutive write memory cycles. In A/A Mux mode, an
erase operation is activated by writing the six-byte com-
mand in six consecutive bus cycles. Pre-programs the
sector or block is not required prior to an erase opera-
tion.
I/O7 DATA# POLLING
The devices provide a Data# Polling feature to indicate
the progress or the completion of a program or erase
operation in all modes. During a program operation, an
attempt to read the device will result in the complement
of the last loaded data on I/O7. Once the program cycle
is complete, the true data of the last loaded data is valid
on all outputs. During an erase operation, an attempt to
read the device will result a “0” on I/O7. After the erase
cycle is complete, an attempt to read the device will
result a “1” on I/O7.
DEVICE OPERATION (CONTINUED)
I/O6 TOGGLE BIT
The Pm49FL002/004 also provide a Toggle Bit feature to
detect the progress or the completion of a program or
erase operation. During a program or erase operation,
an attempt to read data from the devices will result in I/
O6 toggling between “1” and “0”. When the program or
erase operation is complete, I/O6 will stop toggling and
valid data will be read. Toggle bit may be accessed at
any time during a program or erase operation.
RESET
Any read, program, or erase operation to the devices
can be reset by the INIT# or RST# pins. INIT# and RST#
pins are internally hard-wired and have same function to
the devices. The INIT# pin is only available in FWH and
LPC modes. The RST# pin is available in all modes. It
is required to drive INIT# or RST# pins low during sys-
tem reset to ensure proper initialization.
During a memory read operation, pulls low the INIT# or
RST# pin will reset the devices back to standby mode
and then the FWH[3:0] of FWH interface or the LAD[3:0]
of LPC interface will go to high impedance state. During
a program or erase operation, pulls low the INIT# or RST#
pin will abort the program or erase operation and reset
the devices back to standby mode. A reset latency will
occur before the devices resume to standby mode when
such reset is performed. When a program or erase op-
eration is reset before the completion of such opera-
tion, the memory contents of devices may become
invalid due to an incomplete program or erase opera-
tion.


Similar Part No. - PM49FL004T-33JCE

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PM4 3M-PM4 Datasheet
347Kb / 2P
   3M??Fire Barrier Packing Material PM4
logo
List of Unclassifed Man...
PM4-C1522-XX ETC1-PM4-C1522-XX Datasheet
130Kb / 1P
   4MM CIRCULAR LENS FLEXIBLE LIGHT PIPE FLPS1522 INDICATORS
PM4-D2031-XX ETC1-PM4-D2031-XX Datasheet
118Kb / 1P
   4MM DOMED LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
PM4-F2031-XX ETC1-PM4-F2031-XX Datasheet
119Kb / 1P
   4MM FLAT LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
logo
Tumbler Technologies + ...
PM40-10AL TRUMPOWER-PM40-10AL Datasheet
211Kb / 2P
   40 WATT MEDICAL POWER SUPPLIES
More results

Similar Description - PM49FL004T-33JCE

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS49FL004T ISSI-IS49FL004T Datasheet
1Mb / 45P
   4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
AMIC Technology
A49FL004 AMICC-A49FL004 Datasheet
713Kb / 36P
   4 Mbit CMOS 3.3Volt-only Firmware Hub/LPC Flash Memory
A49LF004 AMICC-A49LF004 Datasheet
595Kb / 10P
   4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
logo
Silicon Storage Technol...
SST49LF004B SST-SST49LF004B Datasheet
460Kb / 39P
   4 Mbit LPC Firmware Flash
logo
PMC-Sierra, Inc
PM39F040 PMC-PM39F040 Datasheet
200Kb / 23P
   1 Mbit / 2 Mbit / 4 Mbit 5 Volt-only CMOS Flash Memory
logo
Silicon Storage Technol...
SST49LF002A SST-SST49LF002A Datasheet
412Kb / 36P
   2 Mbit / 3 Mbit / 4 Mbit / 8 Mbit Firmware Hub
SST49LF004B SST-SST49LF004B_10 Datasheet
1Mb / 36P
   4 Mbit Firmware Hub
SST49LF004B SST-SST49LF004B_06 Datasheet
491Kb / 36P
   4 Mbit Firmware Hub
SST49LF020A SST-SST49LF020A Datasheet
593Kb / 50P
   2 Mbit LPC Flash
SST49LF040 SST-SST49LF040 Datasheet
724Kb / 48P
   4 Mbit LPC Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com