Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C33512NTD18A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C33512NTD18A
Description  3.3V 512K x 18 Pipelined burst Synchronous SRAM with NTD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33512NTD18A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C33512NTD18A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C33512NTD18A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33512NTD18A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33512NTD18A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33512NTD18A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33512NTD18A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33512NTD18A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33512NTD18A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33512NTD18A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
November 2004
Copyright © Alliance Semiconductor. All rights reserved.
®
AS7C33512NTD18A
3.3V 512K
× 18 Pipelined burst Synchronous SRAM with NTDTM
11/30/04; v.2.1
Alliance Semiconductor
1 of 19
Features
• Organization: 524,288 words × 18 bits
•NTDarchitecture for efficient bus operation
• Fast clock speeds to 166 MHz
• Fast clock to data access: 3.5/4.0 ns
•Fast OE access time: 3.5/4.0 ns
• Fully synchronous operation
• Common data inputs and data outputs
• Asynchronous output enable control
• Available in100-pin TQFP
• Byte write enables
• Clock enable for operation hold
• Multiple chip enables for easy expansion
• 3.3V core power supply
• 2.5V or 3.3V I/O operation with separate VDDQ
• Self-timed WRITE cycles
• “Interleaved” or “Linear burst” modes
• Snooze mode for standby operation
Selection Guide
-166
–133
Units
Minimum cycle time
6
7.5
ns
Maximum clock frequency
166
133
MHz
Maximum clock access time
3.5
4
ns
Maximum operating current
475
400
mA
Maximum standby current
130
100
mA
Maximum CMOS standby current (DC)
30
30
mA
Address
D
Q
CLK
register
Output
Register
DQ[a:b]
18
18
19
19
CLK
CE0
CE1
CE2
A[18:0]
OE
CLK
CEN
Control
CLK
logic
Data
D
Q
CLK
Input
Register
18
18
OE
512K x 18
SRAM
Array
R/W
DQ [a:b]
BWa
BWb
CLK
Q
D
ADV/LD
LBO
Burst logic
addr. registers
Write delay
18
19
Logic block diagram
ZZ
18
CLK


Similar Part No. - AS7C33512NTD18A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33512NTD32A ALSC-AS7C33512NTD32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C33512NTD32A-133TQC ALSC-AS7C33512NTD32A-133TQC Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C33512NTD32A-133TQCN ALSC-AS7C33512NTD32A-133TQCN Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C33512NTD32A-133TQI ALSC-AS7C33512NTD32A-133TQI Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C33512NTD32A-133TQIN ALSC-AS7C33512NTD32A-133TQIN Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
More results

Similar Description - AS7C33512NTD18A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33512NTF18A ALSC-AS7C33512NTF18A Datasheet
425Kb / 18P
   3.3V 512K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33256NTD32A ALSC-AS7C33256NTD32A Datasheet
441Kb / 19P
   3.3V 256K x 2/36 Pipelined burst Synchronous SRAM with NTD
AS7C332MNTD18A ALSC-AS7C332MNTD18A Datasheet
439Kb / 18P
   3.3V 2M x 18 Pipelined SRAM with NTD
AS7C331MNTD18A ALSC-AS7C331MNTD18A Datasheet
424Kb / 18P
   3.3V 1M x 18 Pipelined SRAM with NTD
AS7C33512NTD32A ALSC-AS7C33512NTD32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C332MPFS18A ALSC-AS7C332MPFS18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C33512PFS32A ALSC-AS7C33512PFS32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C331MPFS18A ALSC-AS7C331MPFS18A Datasheet
509Kb / 19P
   3.3V 1M x 18 pipelined burst synchronous SRAM
AS7C331MPFD18A ALSC-AS7C331MPFD18A Datasheet
510Kb / 19P
   3.3V 1M x 18 pipelined burst synchronous SRAM
AS7C33512PFD32A ALSC-AS7C33512PFD32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com