Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

173195 Datasheet(PDF) 1 Page - Festo Corporation.

Part No. 173195
Description  Rotary actuator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

173195 Datasheet(HTML) 1 Page - Festo Corporation.

  173195 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rotary actuator
DSM-6-90-P-A
Part number: 173195
Data sheet
Feature
Value
Size
6
Cushioning angle
0.5 deg
Swivel angle
0 deg ... 90 deg
Type code
DSM
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Mode of operation
Double-acting
Design
Rotary vane
Position sensing
For proximity sensor
Symbol
00991265
Operating pressure
3.5 bar ... 8 bar
Max. swivel frequency at 6 bar
3 Hz
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Ambient temperature
0 °C ... 60 °C
Theoretical torque at 6 bar
0.15 Nm
Permissible mass moment of inertia
6.5E-4 kgm²
Product weight
50 g
Type of mounting
With internal thread
Pneumatic connection
M3
Note on materials
Free of copper and PTFE
RoHS-compliant
Drive shaft material
High-alloy stainless steel
Seals material
TPE-U(PU)
Housing material
Aluminum
Anodized
9/10/20 - Subject to change - Festo AG & Co. KG
1/1


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn