Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS7C33256NTF18B Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part No. AS7C33256NTF18B
Description  3.3V 256K x 18 Flowthrough Synchronous SRAM with NTD
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALSC [Alliance Semiconductor Corporation]
Homepage  http://www.alsc.com
Logo 

AS7C33256NTF18B Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
®
AS7C33256NTF18B
4/13/05, v 1.3
Alliance Semiconductor
P. 5 of 18
Signal descriptions
Snooze Mode
SNOOZE MODE is a low current, power-down mode in which the device is deselected and current is reduced to ISB2. The duration of
SNOOZE MODE is dictated by the length of time the ZZ is in a High state.
The ZZ pin is an asynchronous, active high input that causes the device to enter SNOOZE MODE.
When the ZZ pin becomes a logic High, ISB2 is guaranteed after the time tZZI is met. After entering SNOOZE MODE, all inputs except ZZ
is disabled and all outputs go to High-Z. Any operation pending when entering SNOOZE MODE is not guaranteed to successfully complete.
Therefore, SNOOZE MODE (READ or WRITE) must not be initiated until valid pending operations are completed. Similarly, when exiting
SNOOZE MODE during tPUS, only a DESELECT or READ cycle should be given while the SRAM is transitioning out of SNOOZE MODE.
Burst order
Signal
I/O Properties
Description
CLK
I
CLOCK
Clock. All inputs except OE, LBO, and ZZ are synchronous to this clock.
CEN
I
SYNC
Clock enable. When de-asserted high, the clock input signal is masked.
A, A0, A1
I
SYNC
Address. Sampled when all chip enables are active and ADV/LD is asserted.
DQ[a,b]
I/O
SYNC
Data. Driven as output when the chip is enabled and OE is active.
CE0, CE1,
CE2
I
SYNC
Synchronous chip enables. Sampled at the rising edge of CLK, when ADV/LD is asserted.
Are ignored when ADV/LD is high.
ADV/LD
I
SYNC
Advance or Load. When sampled high, the internal burst address counter will increment in
the order defined by the LBO input value. When low, a new address is loaded.
R/W
I
SYNC
A high during LOAD initiates a READ operation. A low during LOAD initiates a WRITE
operation. Is ignored when ADV/LD is high.
BW[a,b]
I
SYNC
Byte write enables. Used to control write on individual bytes. Sampled along with WRITE
command and BURST WRITE.
OE
I
ASYNC
Asynchronous output enable. I/O pins are not driven when OE is inactive.
LBO
ISTATIC
Selects Burst mode. When tied to VDD or left floating, device follows interleaved Burst order. When
driven Low, device follows linear Burst order. This signal is internally pulled High.
ZZ
I
ASYNC
Snooze. Places device in low power mode; data is retained. Connect to GND if unused.
NC
-
-
No connects.
Interleaved burst order LBO = 1
Linear burst order LBO = 0
A1A0 A1A0 A1A0 A1A0
A1A0 A1A0 A1A0 A1A0
Starting address
0 0
0 1
1 0
1 1
Starting Address
0 0
0 1
1 0
1 1
First increment
0 1
0 0
1 1
1 0
First increment
0 1
1 0
1 1
0 0
Second increment
1 0
1 1
0 0
0 1
Second increment
1 0
1 1
0 0
0 1
Third increment
1 1
1 0
0 1
0 0
Third increment
1 1
0 0
0 1
1 0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AS7C33256NTF32A3.3V 256K x 2/36 Flowthrough Synchronous SRAM with NTD 1 2 3 4 5 MoreAlliance Semiconductor Corporation
AS7C33256NTD32A3.3V 256K x 2/36 Pipelined burst Synchronous SRAM with NTD 1 2 3 4 5 MoreAlliance Semiconductor Corporation
AS7C33512NTF18A3.3V 512K x 18 Flowthrough Synchronous SRAM with NTD 1 2 3 4 5 MoreAlliance Semiconductor Corporation
AS7C33512NTF32A3.3V 512K x 32/36 Flowthrough Synchronous SRAM with NTD 1 2 3 4 5 MoreAlliance Semiconductor Corporation
AS7C33128NTF18B3.3V 128K x 18 Flowthrough Synchronous SRAM with NTD 1 2 3 4 5 MoreAlliance Semiconductor Corporation
AS7C33128NTF32B3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 1 2 3 4 5 MoreAlliance Semiconductor Corporation
AS7C331MNTF18A3.3V 1M x 18 Flowthrough Synchronous SRAM with NTD 1 2 3 4 5 MoreAlliance Semiconductor Corporation
AS7C3364NTF32B3.3V 64K x 32/36 Flowthrough Synchronous SRAM with NTD 1 2 3 4 5 MoreAlliance Semiconductor Corporation
AS7C33512NTD18A3.3V 512K x 18 Pipelined burst Synchronous SRAM with NTD 1 2 3 4 5 MoreAlliance Semiconductor Corporation
AS7C33256NTD18B3.3V 256K x 8 Pipelined SRAM with NTD 1 2 3 4 5 MoreAlliance Semiconductor Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn