Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS746-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS746-Q1
Description  TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS746-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS746-Q1_V03 Datasheet HTML 5Page - Texas Instruments TPS746-Q1_V03 Datasheet HTML 6Page - Texas Instruments TPS746-Q1_V03 Datasheet HTML 7Page - Texas Instruments TPS746-Q1_V03 Datasheet HTML 8Page - Texas Instruments TPS746-Q1_V03 Datasheet HTML 9Page - Texas Instruments TPS746-Q1_V03 Datasheet HTML 10Page - Texas Instruments TPS746-Q1_V03 Datasheet HTML 11Page - Texas Instruments TPS746-Q1_V03 Datasheet HTML 12Page - Texas Instruments TPS746-Q1_V03 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
PG Pin Sink Current (mA)
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
30
60
90
120
150
180
210
240
270
300
TJ
±
qC
±
qC
±
qC
0qC
25qC
85qC
125qC
150qC
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
150
152
154
156
158
160
162
164
166
tPGDH
Temperature (qC)
-50
-30
-10
10
30
50
70
90
110
130
150
89
89.25
89.5
89.75
90
90.25
90.5
90.75
91
91.25
91.5
91.75
92
92.25
92.5
PGLTH
PGHTH
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
-10
-5
0
5
10
15
20
25
30
35
40
PG = 3.3 V
PG = 5.5 V
Output Current (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-1.2
-0.9
-0.6
-0.3
0
0.3
0.6
0.9
1.2
TJ
±
qC
±
qC
±
qC
0qC
25qC
85qC
125qC
150qC
Pulldown Current (mA)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
80
160
240
320
400
480
560
640
TJ
±
qC
±
qC
±
qC
0qC
25qC
85qC
125qC
150qC
9
TPS746-Q1
www.ti.com
SBVS358A – JUNE 2018 – REVISED OCTOBER 2019
Product Folder Links: TPS746-Q1
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at operating temperature range TJ = 25°C, VIN = VOUT(NOM) + 0.5 V or 1.5 V (whichever is greater), IOUT = 1 mA, VEN = VIN, and
CIN = COUT = 1 μF (unless otherwise noted)
VIN = 6 V, VOUT = 5 V
Figure 13. 5-V Load Regulation vs IOUT
Figure 14. VOUT vs IOUT Pulldown Resistor
Figure 15. PGLTH and PGHTH vs Temperature
Figure 16. IIkg(PG) vs Temperature and PG Pin Voltage
VIN = 3.8 V, VOUT = 3.3 V
Figure 17. VOL(PG) vs PG Pin Sink Current
Figure 18. tPGDH vs Temperature


Similar Part No. - TPS746-Q1_V03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS746-Q1 TI1-TPS746-Q1_V01 Datasheet
3Mb / 41P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
TPS746-Q1 TI1-TPS746-Q1_V02 Datasheet
3Mb / 45P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
TPS746-Q1 TI-TPS746-Q1_V04 Datasheet
4Mb / 44P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
More results

Similar Description - TPS746-Q1_V03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS746-Q1 TI1-TPS746-Q1_V01 Datasheet
3Mb / 41P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
TPS746-Q1 TI-TPS746-Q1_V04 Datasheet
4Mb / 44P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
TPS746-Q1 TI1-TPS746-Q1_V02 Datasheet
3Mb / 45P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V04 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V02 Datasheet
3Mb / 41P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V03 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI-TPS745-Q1_V06 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V05 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI-TPS745-Q1_V07 Datasheet
4Mb / 44P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS746-Q1 TI1-TPS746-Q1 Datasheet
2Mb / 30P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in a Small 2-mm 횞 2-mm Wettable Flank WSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com