Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS745-Q1 Datasheet(PDF) 23 Page - Texas Instruments

Part # TPS745-Q1
Description  TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS745-Q1 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS745-Q1_V06 Datasheet HTML 19Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 20Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 21Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 22Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 23Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 24Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 25Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 26Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
Device
IN
OUT
GND
COUT
CIN
Schottky Diode
Internal Body Diode
23
TPS745-Q1
www.ti.com
SBVS355A – JUNE 2019 – REVISED OCTOBER 2019
Product Folder Links: TPS745-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Application Information (continued)
If reverse current flow is expected in the application, external protection must be used to protect the device.
Figure 57 shows one approach of protecting the device.
Figure 57. Example Circuit for Reverse Current Protection Using a Schottky Diode
8.1.6 Power Dissipation (PD)
Circuit reliability requires consideration of the device power dissipation, location of the circuit on the printed circuit
board (PCB), and correct sizing of the thermal plane. The PCB area around the regulator must have few or no
other heat-generating devices that cause added thermal stress.
To first-order approximation, power dissipation in the regulator depends on the input-to-output voltage difference
and load conditions. Equation 4 calculates power dissipation (PD).
PD = (VIN – VOUT) × IOUT
(4)
NOTE
Power dissipation can be minimized, and therefore greater efficiency can be achieved, by
correct selection of the system voltage rails. For the lowest power dissipation use the
minimum input voltage required for correct output regulation.
For devices with a thermal pad, the primary heat conduction path for the device package is through the thermal
pad to the PCB. Solder the thermal pad to a copper pad area under the device. This pad area must contain an
array of plated vias that conduct heat to additional copper planes for increased heat dissipation.
The maximum power dissipation determines the maximum allowable ambient temperature (TA) for the device.
According to Equation 5, power dissipation and junction temperature are most often related by the junction-to-
ambient thermal resistance (RθJA) of the combined PCB and device package and the temperature of the ambient
air (TA).
TJ = TA + (RθJA × PD)
(5)
Thermal resistance (RθJA) is highly dependent on the heat-spreading capability built into the particular PCB
design, and therefore varies according to the total copper area, copper weight, and location of the planes. The
junction-to-ambient thermal resistance listed in the Thermal Information table is determined by the JEDEC
standard PCB and copper-spreading area, and is used as a relative measure of package thermal performance.
Figure 58 and Figure 59 illustrate the functions of RθJA and ψJB versus copper (Cu) area and thickness. These
plots are generated with a 101.6-mm x 101.6-mm x 1.6-mm printed circuit board (PCB) of two and four layers.
For the four-layer board, the inner planes use a 1-oz copper thickness. Outer layers are simulated with both 1-oz
and 2-oz copper thickness. A 2 x 1 array of thermal vias of 300-µm drill diameter and 25-µm Cu plating is located
beneath the thermal pad of the device. The thermal vias connect the top layer, the bottom layer and, in the case
of the 4-layer board, the first inner GND plane.


Similar Part No. - TPS745-Q1_V06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS745-Q1 TI1-TPS745-Q1_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in a Small Wettable Flank WSON Package
TPS745-Q1 TI1-TPS745-Q1_V02 Datasheet
3Mb / 41P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V03 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V04 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V05 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
More results

Similar Description - TPS745-Q1_V06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS745-Q1 TI1-TPS745-Q1_V04 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V02 Datasheet
3Mb / 41P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V03 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V05 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI-TPS745-Q1_V07 Datasheet
4Mb / 44P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in a Small Wettable Flank WSON Package
TPS745-Q1 TI1-TPS745-Q1_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in a Small Wettable Flank WSON Package
TPS746-Q1 TI1-TPS746-Q1_V01 Datasheet
3Mb / 41P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
TPS746-Q1 TI-TPS746-Q1_V03 Datasheet
3Mb / 45P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
TPS746-Q1 TI-TPS746-Q1_V04 Datasheet
4Mb / 44P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com