Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A20 Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS7A20
Description  TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A20 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS7A20_V05 Datasheet HTML 18Page - Texas Instruments TPS7A20_V05 Datasheet HTML 19Page - Texas Instruments TPS7A20_V05 Datasheet HTML 20Page - Texas Instruments TPS7A20_V05 Datasheet HTML 21Page - Texas Instruments TPS7A20_V05 Datasheet HTML 22Page - Texas Instruments TPS7A20_V05 Datasheet HTML 23Page - Texas Instruments TPS7A20_V05 Datasheet HTML 24Page - Texas Instruments TPS7A20_V05 Datasheet HTML 25Page - Texas Instruments TPS7A20_V05 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
4-Sep-2020
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TPS7A2015PDQNR
PREVIEW
X2SON
DQN
4
3000
Green (RoHS
& no Sb/Br)
NIPDAU | NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
JD
TPS7A20185PDBVR
PREVIEW
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
TPS7A20185PDQNR
PREVIEW
X2SON
DQN
4
3000
Green (RoHS
& no Sb/Br)
NIPDAU | NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
JE
TPS7A2018PDBVR
PREVIEW
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
TPS7A2024PDBVR
PREVIEW
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
TPS7A2025PDBVR
PREVIEW
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
TPS7A2025PDQNR
PREVIEW
X2SON
DQN
4
3000
TBD
Call TI
Call TI
-40 to 125
TPS7A2028PDBVR
PREVIEW
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
TPS7A2028PDQNR
PREVIEW
X2SON
DQN
4
3000
Green (RoHS
& no Sb/Br)
NIPDAU | NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
JH
TPS7A2029PDQNR
PREVIEW
X2SON
DQN
4
3000
TBD
Call TI
Call TI
-40 to 125
TPS7A2030PDBVR
PREVIEW
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
TPS7A2030PDQNR
PREVIEW
X2SON
DQN
4
3000
TBD
Call TI
Call TI
-40 to 125
TPS7A2033PDBVR
PREVIEW
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
TPS7A2033PDQNR
PREVIEW
X2SON
DQN
4
3000
Green (RoHS
& no Sb/Br)
NIPDAU | NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
JA
TPS7A2045PDQNR
PREVIEW
X2SON
DQN
4
3000
TBD
Call TI
Call TI
-40 to 125
TPS7A2050PDBVR
PREVIEW
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.


Similar Part No. - TPS7A20_V05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A20 TI1-TPS7A20_V01 Datasheet
636Kb / 27P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI1-TPS7A20_V02 Datasheet
636Kb / 27P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI1-TPS7A20_V03 Datasheet
640Kb / 28P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI1-TPS7A20_V04 Datasheet
641Kb / 28P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V06 Datasheet
7Mb / 42P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
More results

Similar Description - TPS7A20_V05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A20 TI-TPS7A20_V12 Datasheet
8Mb / 51P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
DECEMBER 2021
TPS7A20 TI-TPS7A20_V10 Datasheet
8Mb / 49P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V08 Datasheet
8Mb / 44P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V15 Datasheet
8Mb / 57P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
REVISED MAY 2022
TPS7A20 TI-TPS7A20_V06 Datasheet
7Mb / 42P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V07 Datasheet
8Mb / 44P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI1-TPS7A20_V04 Datasheet
641Kb / 28P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V16 Datasheet
8Mb / 57P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
REVISED MAY 2022
TPS7A20 TI-TPS7A20_V13 Datasheet
8Mb / 57P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
MAY 2022
TPS7A20 TI1-TPS7A20_V01 Datasheet
636Kb / 27P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI1-TPS7A20_V02 Datasheet
636Kb / 27P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com