Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A02 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS7A02
Description  TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A02 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS7A02_V06 Datasheet HTML 3Page - Texas Instruments TPS7A02_V06 Datasheet HTML 4Page - Texas Instruments TPS7A02_V06 Datasheet HTML 5Page - Texas Instruments TPS7A02_V06 Datasheet HTML 6Page - Texas Instruments TPS7A02_V06 Datasheet HTML 7Page - Texas Instruments TPS7A02_V06 Datasheet HTML 8Page - Texas Instruments TPS7A02_V06 Datasheet HTML 9Page - Texas Instruments TPS7A02_V06 Datasheet HTML 10Page - Texas Instruments TPS7A02_V06 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
7
TPS7A02
www.ti.com
SBVS277B – JULY 2019 – REVISED MARCH 2020
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Electrical Characteristics (continued)
Specified at TJ = –40°C to +125°C, VIN = VOUT(nom) + 0.5 V or 2.0 V (whichever is greater), IOUT = 1 mA, VEN = VIN, and CIN =
COUT = 1 µF (unless otherwise noted). Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VUVLO(HYST)
UVLO hysteresis
VIN hysteresis
180
mV
VEN(HI)
EN pin logic high
voltage
1.1
V
VEN(LOW)
EN pin logic low
voltage
0.3
V
IEN
EN pin leakage
current
VEN = VIN = 6.0 V
10
nA
REN(PULLDOWN)
Smart enable
pulldown resistor
VEN = 0.3 V
500
RPULLDOWN
Pulldown resistor
VIN = 3.3 V, device disabled
60
Ω
TSD(shutdown)
Thermal shutdown
temperature
Shutdown, temperature increasing
170
°C
TSD(reset)
Thermal shutdown
reset temperature
Reset, temperature decreasing
145
6.6 Switching Characteristics
Specified at TJ = –40°C to +125°C, VIN = VOUT(nom) + 0.5 V or 2.0 V (whichever is greater), IOUT = 1 mA, VEN = VIN, and CIN =
COUT = 1 µF (unless otherwise noted). Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSTR
Start-up time
From EN assertion to VOUT = 90% × VOUT(nom)
0.8V
≤ VOUT ≤ 1.5 V
500
800
µs
1.5V < VOUT ≤ 3.0 V
750
1200
3.0V < VOUT ≤ 5.0 V
1200
1600


Similar Part No. - TPS7A02_V06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A02 TI1-TPS7A02_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V02 Datasheet
1Mb / 26P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V03 Datasheet
3Mb / 41P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V04 Datasheet
3Mb / 42P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V05 Datasheet
3Mb / 42P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
More results

Similar Description - TPS7A02_V06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A02 TI-TPS7A02_V08 Datasheet
3Mb / 43P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02 Datasheet
1Mb / 23P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V04 Datasheet
3Mb / 42P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI-TPS7A02_V11 Datasheet
3Mb / 47P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
MARCH 2020
TPS7A02 TI-TPS7A02_V07 Datasheet
3Mb / 43P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI-TPS7A02_V09 Datasheet
3Mb / 43P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V03 Datasheet
3Mb / 41P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V02 Datasheet
1Mb / 26P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V05 Datasheet
3Mb / 42P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com