Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMUX1208-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1208-Q1
Description  TMUX1208-Q1 5-V Bidirectional 8:1 Multiplexer with 1.8-V Logic
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1208-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMUX1208-Q1 Datasheet HTML 2Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 3Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 4Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 5Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 6Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 7Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 8Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 9Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
DYNAMIC CHARACTERISTICS
tTRAN
Transition time between channels
VS = 3 V
RL = 200 Ω, CL = 15 pF
Refer to Figure 7-4
25°C
14
ns
–40°C to +85°C
33
ns
–40°C to +125°C
33
ns
tOPEN
(BBM)
Break before make time
VS = 3 V
RL = 200 Ω, CL = 15 pF
Refer to Figure 7-5
25°C
8
ns
–40°C to +85°C
1
ns
–40°C to +125°C
1
ns
tON(EN) Enable turn-on time
VS = 3 V
RL = 200 Ω, CL = 15 pF
Refer to Figure 7-6
25°C
14
ns
–40°C to +85°C
20
ns
–40°C to +125°C
20
ns
tOFF(EN) Enable turn-off time
VS = 3 V
RL = 200 Ω, CL = 15 pF
Refer to Figure 7-6
25°C
11
ns
–40°C to +85°C
20
ns
–40°C to +125°C
20
ns
QC
Charge Injection
VS = VDD/2
RS = 0 Ω, CL = 1 nF
Refer to Figure 7-7
25°C
-8
pC
OISO
Off Isolation
RL = 50 Ω, CL = 5 pF
f = 1 MHz
Refer to Figure 7-8
25°C
-62
dB
RL = 50 Ω, CL = 5 pF
f = 10 MHz
Refer to Figure 7-8
25°C
-42
dB
XTALK
Crosstalk
RL = 50 Ω, CL = 5 pF
f = 1 MHz
Refer to Figure 7-9
25°C
-62
dB
RL = 50 Ω, CL = 5 pF
f = 10 MHz
Refer to Figure 7-9
25°C
-42
dB
BW
Bandwidth
RL = 50 Ω, CL = 5 pF
Refer to Figure 7-10
25°C
65
MHz
CSOFF
Source off capacitance
f = 1 MHz
25°C
13
pF
CDOFF
Drain off capacitance
f = 1 MHz
25°C
76
pF
CSON
CDON
On capacitance
f = 1 MHz
25°C
85
pF
(1)
When VS is 4.5 V, VD is 1.5 V or when VS is 1.5 V, VD is 4.5 V.
TMUX1208-Q1
SCDS415A – AUGUST 2019 – REVISED JULY 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TMUX1208-Q1


Similar Part No. - TMUX1208-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1208 TI1-TMUX1208 Datasheet
546Kb / 25P
[Old version datasheet]   5-V General Purpose, Analog Multiplexer
TMUX1208 TI1-TMUX1208 Datasheet
1Mb / 34P
[Old version datasheet]   5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
TMUX1208PWR TI1-TMUX1208PWR Datasheet
546Kb / 25P
[Old version datasheet]   5-V General Purpose, Analog Multiplexer
TMUX1208PWR TI1-TMUX1208PWR Datasheet
1Mb / 34P
[Old version datasheet]   5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
TMUX1208RSVR TI1-TMUX1208RSVR Datasheet
546Kb / 25P
[Old version datasheet]   5-V General Purpose, Analog Multiplexer
More results

Similar Description - TMUX1208-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1208 TI1-TMUX1208_18 Datasheet
1Mb / 34P
[Old version datasheet]   5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
TMUX6208 TI-TMUX6208 Datasheet
861Kb / 23P
[Old version datasheet]   TMUX6208 36-V, Low-Ron, 8:1 Precision Multiplexer with 1.8-V Logic
TMUX7208 TI-TMUX7208 Datasheet
2Mb / 42P
[Old version datasheet]   TMUX7208 44-V, Latch-Up Immune, 8:1 Precision Multiplexer with 1.8-V Logic
TMUX4051-Q1 TI-TMUX4051-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
JUNE 2022
TMUX4051-Q1 TI-TMUX4051-Q1_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
JUNE 2022
TMUX4051-Q1 TI-TMUX4051-Q1_V02 Datasheet
1Mb / 31P
[Old version datasheet]   TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023
TMUX4051-Q1 TI1-TMUX4051-Q1_V03 Datasheet
1Mb / 31P
[Old version datasheet]   TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023
SN3257-Q1 TI1-SN3257-Q1_V01 Datasheet
674Kb / 31P
[Old version datasheet]   SN3257-Q1 5-V, Low Propagation Delay, 2:1 (SPDT), 4-Channel Switch with 1.8 V Logic
TMUX6219-Q1 TI-TMUX6219-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   TMUX6219-Q1 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
TMUX7219-Q1 TI-TMUX7219-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMUX7219-Q1 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com