Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV4021 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV4021
Description  TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV4021 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV4021_V03 Datasheet HTML 7Page - Texas Instruments TLV4021_V03 Datasheet HTML 8Page - Texas Instruments TLV4021_V03 Datasheet HTML 9Page - Texas Instruments TLV4021_V03 Datasheet HTML 10Page - Texas Instruments TLV4021_V03 Datasheet HTML 11Page - Texas Instruments TLV4021_V03 Datasheet HTML 12Page - Texas Instruments TLV4021_V03 Datasheet HTML 13Page - Texas Instruments TLV4021_V03 Datasheet HTML 14Page - Texas Instruments TLV4021_V03 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
VS (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
52.4
52.6
52.8
53
53.2
53.4
53.6
53.8
-40°C
25°C
85°C
125°C
Hysteresis (mV)
45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62
0
2000
4000
6000
8000
10000
12000
14000
16000
18000
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
3.1945
3.195
3.1955
3.196
3.1965
3.197
3.1975
3.198
3.1985
3.199
3.1995
3.2
3.2005
3.201
3.2015
VS = 1.8V
VS = 3.3V
VS = 5.0V
VIT- (V)
3.196
3.1975
3.199
3.2005
3.202
3.2035
3.205
0
2500
5000
7500
10000
12500
15000
17500
20000
22500
25000
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
3.248
3.2485
3.249
3.2495
3.25
3.2505
3.251
3.2515
3.252
3.2525
3.253
3.2535
3.254
3.2545
VS = 1.8V
VS = 3.3V
VS = 5.0V
VIT+ (V)
3.2475
3.2505
3.2535
3.2565
3.2595
0
2500
5000
7500
10000
12500
15000
17500
20000
22500
25000
11
TLV4021, TLV4031, TLV4041, TLV4051
www.ti.com
SNVSB04B – MARCH 2019 – REVISED JUNE 2020
Product Folder Links: TLV4021 TLV4031 TLV4041 TLV4051
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at TJ = 25°C and VS = 3.3 V (unless otherwise noted)
TLV4021S5
Figure 14. Positive Threshold vs Temperature
TLV4021S5
Figure 15. Positive Threshold Histogram
TLV4021S5
Figure 16. Negative Threshold vs Temperature
TLV4021S5
Figure 17. Negative Threshold Histogram
TLV4021S5
Figure 18. Hysteresis vs Supply Voltage
TLV4021S5
Figure 19. Hysteresis Histogram


Similar Part No. - TLV4021_V03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4021 TI1-TLV4021_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Threshold
TLV4021 TI1-TLV4021_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Threshold
TLV4021 TI-TLV4021_V04 Datasheet
2Mb / 36P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
DECEMBER 2021
TLV4021 TI-TLV4021_V05 Datasheet
1Mb / 36P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
DECEMBER 2021
More results

Similar Description - TLV4021_V03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4021 TI-TLV4021_V05 Datasheet
1Mb / 36P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
DECEMBER 2021
TLV4021 TI-TLV4021_V04 Datasheet
2Mb / 36P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
DECEMBER 2021
TLV4021 TI1-TLV4021_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Threshold
TLV4021 TI1-TLV4021_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TLV40x1 Small-Size, Low-Power Comparator with Precision Threshold
TLV4021 TI1-TLV4021 Datasheet
635Kb / 21P
[Old version datasheet]   Small-Size, Low-Power Comparator with Precision Reference
TLV4021 TI1-TLV4021_19 Datasheet
1Mb / 33P
[Old version datasheet]   Small-Size, Low-Power Comparator with Precision Threshold
TLV4011-Q1 TI-TLV4011-Q1 Datasheet
841Kb / 17P
[Old version datasheet]   TLV4011-Q1 Low-Power Comparator with Precision Reference
TLV7081 TI1-TLV7081 Datasheet
409Kb / 18P
[Old version datasheet]   Nano-Power, Small-Size, Low-Voltage Comparator
TLV4011 TI1-TLV4011 Datasheet
574Kb / 19P
[Old version datasheet]   TLV4011 Precision Comparator with Integrated Reference
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com