Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HCS595 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS595
Description  SN74HCS595 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS595 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74HCS595 Datasheet HTML 8Page - Texas Instruments SN74HCS595 Datasheet HTML 9Page - Texas Instruments SN74HCS595 Datasheet HTML 10Page - Texas Instruments SN74HCS595 Datasheet HTML 11Page - Texas Instruments SN74HCS595 Datasheet HTML 12Page - Texas Instruments SN74HCS595 Datasheet HTML 13Page - Texas Instruments SN74HCS595 Datasheet HTML 14Page - Texas Instruments SN74HCS595 Datasheet HTML 15Page - Texas Instruments SN74HCS595 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
In this application, the SN74HCS595 is used to control seven-segment displays. Utilizing the serial output and
combining a few of the input signals, this implementation reduces the number of I/O pins required to control the
displays from sixteen to four. Unlike other I/O expanders, the SN74HCS595 does not need a communication
interface for control. It can be easily operated with simple GPIO pins.
The OE pin is used to easily disable the outputs when the displays need to be turned off or connected to a PWM
signal to control brightness. However, this pin can be tied low and the outputs of the SN74HCS595 can be
controlled accordingly to turn off all the outputs reducing the I/O needed to three. There is no practical limitation
to how many SN74HCS595 devices can be cascaded. To add more, the serial output will need to be connected
to the following serial input and the clocks will need to be connected accordingly. With separate control for the
shift registers and output registers, the desired digit can be displayed while the data for the next digit is loaded
into the shift register.
At power-up, the initial state of the shift registers and output registers are unknown. To give them a defined state,
the shift register needs to be cleared and then clocked into the output register. An RC can be connected to the
SRCLR pin as shown in the Typical application block diagram to initialize the shift register to all zeros. With the
OE pin pulled up with a resistor, this process can be performed while the outputs are in a high impedance state
eliminating any erroneous data causing issues with the displays.
9.2 Typical Application
Q
Seven Segment
SRCLR
QA
QB
QC
QD
QE
QF
QG
QH
g
f
a
b
DP
c
d
e
a
b
c
d
e
f
g
DP
GND
VCC
SER
SRCLK
RCLK
OE
Q
SRCLR
QA
QB
QC
QD
QE
QF
QG
QH
GND
VCC
SER
SRCLK
RCLK
OE
Seven Segment
g
f
a
b
DP
c
d
e
a
b
c
d
e
f
g
DP
MCU
R2
C2
R1
C1
VCC
VCC
Figure 9-1. Typical application block diagram
SN74HCS595
SCLS803 – AUGUST 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: SN74HCS595


Similar Part No. - SN74HCS595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS595 TI-SN74HCS595 Datasheet
1Mb / 26P
[Old version datasheet]   SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
SN74HCS595 TI-SN74HCS595 Datasheet
2Mb / 34P
[Old version datasheet]   SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
SN74HCS595 TI-SN74HCS595 Datasheet
2Mb / 34P
[Old version datasheet]   SN74HCS595 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
SN74HCS595 TI-SN74HCS595 Datasheet
3Mb / 38P
[Old version datasheet]   SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
DECEMBER 2021
SN74HCS595-Q1 TI1-SN74HCS595-Q1 Datasheet
457Kb / 22P
[Old version datasheet]   SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
More results

Similar Description - SN74HCS595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS595 TI-SN74HCS595_V01 Datasheet
2Mb / 34P
[Old version datasheet]   SN74HCS595 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
SN74HCS595-Q1 TI1-SN74HCS595-Q1 Datasheet
457Kb / 22P
[Old version datasheet]   SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
SN74HCS595-Q1 TI-SN74HCS595-Q1_V03 Datasheet
2Mb / 36P
[Old version datasheet]   SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
REVISED SEPTEMBER 2021
SN74HCS595-Q1 TI-SN74HCS595-Q1_V04 Datasheet
3Mb / 38P
[Old version datasheet]   SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
DECEMBER 2021
SN74HCS595-Q1 TI-SN74HCS595-Q1_V01 Datasheet
1Mb / 26P
[Old version datasheet]   SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
SN74HCS595-Q1 TI-SN74HCS595-Q1_V02 Datasheet
2Mb / 34P
[Old version datasheet]   SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
SN74HCS594 TI-SN74HCS594_V01 Datasheet
1Mb / 27P
[Old version datasheet]   SN74HCS594 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCS594 TI-SN74HCS594 Datasheet
1Mb / 27P
[Old version datasheet]   SN74HCS594 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCS594 TI-SN74HCS594_V02 Datasheet
2Mb / 35P
[Old version datasheet]   SN74HCS594 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCS594-Q1 TI1-SN74HCS594-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com