Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA862 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA862
Description  OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA862 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA862_V02 Datasheet HTML 5Page - Texas Instruments OPA862_V02 Datasheet HTML 6Page - Texas Instruments OPA862_V02 Datasheet HTML 7Page - Texas Instruments OPA862_V02 Datasheet HTML 8Page - Texas Instruments OPA862_V02 Datasheet HTML 9Page - Texas Instruments OPA862_V02 Datasheet HTML 10Page - Texas Instruments OPA862_V02 Datasheet HTML 11Page - Texas Instruments OPA862_V02 Datasheet HTML 12Page - Texas Instruments OPA862_V02 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
A1 Input Common-Mode Voltage (V)
-5
-4
-3
-2
-1
0
1
2
3
4
5
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
D037
Figure 6-13. A1 Input Offset Voltage vs Input
Common-Mode Voltage
A1 Input Common-Mode Voltage (V)
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
-90
0.5
-60
1
-30
1.5
0
2
30
2.5
60
3
90
D045
VIN IB
VFB IB
IOS
Figure 6-14. A1 Input Bias Current and Input Offset
Current vs Input Common-Mode Voltage
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-50
-40
-30
-20
-10
0
10
20
30
D046
32 units
Figure 6-15. A2 Input Bias Current vs Temperature
A2 Input Common-Mode Voltage (V)
-5
-4
-3
-2
-1
0
1
2
3
4
5
-80
-60
-40
-20
0
20
40
60
80
D047
Figure 6-16. A2 Input Bias Current vs Input
Common-Mode Voltage
Time (ns)
0
200
400
600
800 1000 1200 1400 1600 1800 2000
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
D026
VIN u 2
VOD
Figure 6-17. Input Overdrive Recovery
Time (ns)
0
200
400
600
800 1000 1200 1400 1600 1800 2000
-20
-17.5
-15
-12.5
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
12.5
15
17.5
20
D027
VIN u 4
VOD
G = –4 V/V
Figure 6-18. Output Overdrive Recovery
www.ti.com
OPA862
SBOS919C – AUGUST 2019 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA862


Similar Part No. - OPA862_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA862 TI1-OPA862_V01 Datasheet
3Mb / 39P
[Old version datasheet]   OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
More results

Similar Description - OPA862_V02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA862 TI1-OPA862_V01 Datasheet
3Mb / 39P
[Old version datasheet]   OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
OPA862 TI1-OPA862 Datasheet
920Kb / 24P
[Old version datasheet]   OPA862 12.6-V, Low-Noise, Single-Ended-to-Differential, High Input Impedance Amplifier
logo
Linear Technology
LT6350 LINER-LT6350_15 Datasheet
877Kb / 28P
   Low Noise Single-Ended to Differential Converter/ADC Driver
LT6350 LINER-LT6350 Datasheet
572Kb / 28P
   Low Noise Single-Ended to Differential Converter/ADC Driver
logo
Analog Devices
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual
REV. B
logo
Maxim Integrated Produc...
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
   Differential or Single-Ended Input
Rev 0; 8/09
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
   Differential Input and Single-Ended Output
logo
Texas Instruments
DEM-ADS807E TI1-DEM-ADS807E_14 Datasheet
328Kb / 9P
[Old version datasheet]   SINGLE-ENDED OR DIFFERENTIAL INPUT CONFIGURATION
VCA261XEVM TI1-VCA261XEVM Datasheet
405Kb / 10P
[Old version datasheet]   SINGLE-ENDED TO DIFFERENTIAL INPUT VIA TRANSFORMERS FOR VCA
logo
Analog Devices
ADA4941-1 AD-ADA4941-1_15 Datasheet
696Kb / 25P
   Single-Supply, Differential 18-Bit ADC Driver
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com