Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSD30140DN56 Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSD30140DN56
Description  N-Ch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSD30140DN56 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSD30140DN56 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD30140DN56 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD30140DN56 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD30140DN56 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD30140DN56 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD30140DN56 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
30
---
---
V
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.02
---
V/℃
VGS=10V , ID=
20A
---
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=
4.5V , ID=15A
m
Ω
VGS(th)
Gate Threshold Voltage
1.2
1.
7
2.5
V
VGS=VDS , ID =250uA
VDS=24V , VGS=0V , TJ=25℃
---
---
1
IDSS
Drain-Source Leakage Current
VDS=24V , VGS=0V , TJ=55℃
---
---
5
uA
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=5V , ID=
20A
---
90
---
S
Qg
Total Gate Charge (4.5V)
---
26
---
Qgs
Gate-Source Charge
---
9.5
---
Qgd
Gate-Drain Charge
VDS=15V , VGS=4.5V , ID=
20A
---
11.4
---
nC
Td(on)
Turn-On Delay Time
---
11
---
Tr
Rise Time
---
6
---
Td(off)
Turn-Off Delay Time
---
38.5
---
Tf
Fall Time
VDD=15V , VGEN=10V ,
RG=
3Ω, RL=0.75Ω.
---
10
---
ns
Ciss
Input Capacitance
---
3000
---
Coss
Output Capacitance
---
1280
---
Crss
Reverse Transfer Capacitance
VDS=15V , VGS=0V , f=1MHz
---
160
---
pF
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,6
---
---
85
A
VG=VD=0V , Force Current
VSD
Diode Forward Voltage
2
VGS=0V , IS=A , TJ=25℃
---
---
1.2
V
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics
N-Ch MOSFET
Page 2
www.winsok.tw
Dec.2014
1.
7
2.4
2.5
3.3
WSD30140DN56
A: The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air environment
with TA=25°C. The value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.


Similar Part No. - WSD30140DN56

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSD30100DN56 WIINSOK-WSD30100DN56 Datasheet
1Mb / 5P
   N-Ch MOSFET
WSD30150DN56 WIINSOK-WSD30150DN56 Datasheet
1Mb / 5P
   N-Ch MOSFET
WSD30160DN56 WIINSOK-WSD30160DN56 Datasheet
1Mb / 5P
   N-Ch MOSFET
More results

Similar Description - WSD30140DN56

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSD4046GDN WIINSOK-WSD4046GDN Datasheet
1Mb / 6P
   N-Ch MOSFET
WSD4070DN WIINSOK-WSD4070DN Datasheet
1Mb / 7P
   N-Ch MOSFET
WSF15N10 WIINSOK-WSF15N10 Datasheet
779Kb / 5P
   N-Ch MOSFET
WSF15N10A WIINSOK-WSF15N10A Datasheet
2Mb / 5P
   N-Ch MOSFET
WSF3040 WIINSOK-WSF3040 Datasheet
820Kb / 5P
   N-Ch MOSFET
WSK140N03 WIINSOK-WSK140N03 Datasheet
1Mb / 5P
   N-Ch MOSFET
WSP06N10 WIINSOK-WSP06N10 Datasheet
987Kb / 5P
   N-Ch MOSFET
WSP14N10 WIINSOK-WSP14N10 Datasheet
1Mb / 6P
   N-Ch MOSFET
WSP4404 WIINSOK-WSP4404 Datasheet
779Kb / 7P
   N-Ch MOSFET
WSR50N06 WIINSOK-WSR50N06 Datasheet
722Kb / 5P
   N-Ch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com