Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSD8823DN22 Datasheet(PDF) 4 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSD8823DN22
Description  P-Ch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSD8823DN22 Datasheet(HTML) 4 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSD8823DN22 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD8823DN22 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD8823DN22 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD8823DN22 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD8823DN22 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD8823DN22 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
WSD8823DN22
Page 4
www.winsok.tw
Dec.2014
P-Ch MOSFET
0.0
0.2
0.4
0.6
0.8
1.0
0
100
200
300
400
500
V
SD
, Source-Drain Voltage(V)
Fig 7. Body Diode Forward Characteristics
0
5
10
15
20
0
200
400
600
800
Ciss
Crss
Coss
-V
DS
, Bias Voltage(V)
Fig 8. Capacitance
Typical Performance Characteristics of Schottky
0
5
10
15
20
25
30
0
20
40
60
80
100
V
R
, Reverse Voltage (V)
Figure10. Schottky Reverse Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
0
500
1000
1500
2000
2500
3000
V
F
, Forward Voltage (V)
Figure 9. Schottky Forward Characteristics
-30
0
30
60
90
120
0
400
800
1200
1600
2000
V
R
= 20V
Ta, Ambient Temperature (
oC)
Figure 11. Leakage Current Vs. Temperature


Similar Part No. - WSD8823DN22

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSD80100DN56 WIINSOK-WSD80100DN56 Datasheet
907Kb / 5P
   N-Ch MOSFET
WSD80120DN56 WIINSOK-WSD80120DN56 Datasheet
3Mb / 6P
   High power DC/DC converters and switch mode
WSD80130DN56 WIINSOK-WSD80130DN56 Datasheet
1Mb / 6P
   N-Ch MOSFET
More results

Similar Description - WSD8823DN22

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSE3099 WIINSOK-WSE3099 Datasheet
818Kb / 5P
   P-Ch MOSFET
WST2301 WIINSOK-WST2301 Datasheet
893Kb / 5P
   P-Ch MOSFET
WSF60P03 WIINSOK-WSF60P03 Datasheet
717Kb / 5P
   P-Ch MOSFET
WST2339 WIINSOK-WST2339 Datasheet
660Kb / 5P
   P-Ch MOSFET
WST6003 WIINSOK-WST6003 Datasheet
551Kb / 6P
   P-Ch MOSFET
WSP4409 WIINSOK-WSP4409 Datasheet
1Mb / 5P
   P-Ch MOSFET
WST2305 WIINSOK-WST2305 Datasheet
1,013Kb / 5P
   P-Ch MOSFET
WST2315 WIINSOK-WST2315 Datasheet
1Mb / 5P
   P-Ch MOSFET
WSD30L60DN56 WIINSOK-WSD30L60DN56 Datasheet
590Kb / 9P
   P-Ch MOSFET
WSD30L120DN56 WIINSOK-WSD30L120DN56 Datasheet
932Kb / 5P
   P-Ch MOSFET
WSF90P03 WIINSOK-WSF90P03 Datasheet
609Kb / 5P
   P-Ch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com