Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM60440 Datasheet(PDF) 37 Page - Texas Instruments

Part # LM60440
Description  LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60440 Datasheet(HTML) 37 Page - Texas Instruments

Back Button LM60440_V01 Datasheet HTML 30Page - Texas Instruments LM60440_V01 Datasheet HTML 31Page - Texas Instruments LM60440_V01 Datasheet HTML 32Page - Texas Instruments LM60440_V01 Datasheet HTML 33Page - Texas Instruments LM60440_V01 Datasheet HTML 34Page - Texas Instruments LM60440_V01 Datasheet HTML 35Page - Texas Instruments LM60440_V01 Datasheet HTML 36Page - Texas Instruments LM60440_V01 Datasheet HTML 37Page - Texas Instruments LM60440_V01 Datasheet HTML 38Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
2X (0.35)
(0.25) TYP
(1.75)
(2.75)
(0.5)
6X (0.65)
(0.45)
(1.45)
(R0.05) TYP
(0.675) TYP
(0.675) TYP
6X (0.25)
2X (0.65)
WQFN-HR - 1 mm max height
RPK0013A
PLASTIC QUAD FLATPACK - NO LEAD
4224656/B 03/2020
NOTES: (continued)
5. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
1
7
5
12
6
13
11
SYMM
SOLDER PASTE EXAMPLE
BASED ON 0.1 mm THICK STENCIL
100% PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
SCALE: 25X
SYMM


Similar Part No. - LM60440_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM60440-Q1 TI1-LM60440-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI1-LM60440-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI1-LM60440-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI-LM60440-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   LM63460-Q1 3-V to 36-V, 6-A Automotive Synchronous Buck DC/DC Converter With Adjustable Switching Frequency, Optimized for Reliability and Low EMI
DECEMBER 2021
LM60440-Q1 TI1-LM60440-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
More results

Similar Description - LM60440_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM60440 TI1-LM60440 Datasheet
1Mb / 32P
[Old version datasheet]   LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI1-LM60440-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI1-LM60440-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI1-LM60440-Q1_V02 Datasheet
1Mb / 39P
[Old version datasheet]   LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LMR33630-Q1_1811 TI1-LMR33630-Q1_1811 Datasheet
2Mb / 44P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630-Q1 TI1-LMR33630-Q1_18 Datasheet
2Mb / 47P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630-Q1 TI1-LMR33630-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33620-Q1 TI1-LMR33620-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR33620AP-Q1 TI-LMR33620AP-Q1 Datasheet
4Mb / 48P
[Old version datasheet]   LMR336x0AP-Q1 3.8-V to 36-V, 2-A and 3-A Synchronous Step-Down Voltage Converter
LMR33620-Q1_1812 TI1-LMR33620-Q1_1812 Datasheet
2Mb / 47P
[Old version datasheet]   3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com