Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DRV8889-Q1 Datasheet(PDF) 22 Page - Texas Instruments

Part No. DRV8889-Q1
Description  DRV8889-Q1, DRV8889A-Q1 Automotive Stepper Driver with Integrated Current Sense, 1/256 Micro-Stepping, and Stall Detection
Download  88 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

DRV8889-Q1 Datasheet(HTML) 22 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
7.3.6 Decay Modes
During PWM current chopping, the H-bridge is enabled to drive through the motor winding until the PWM current
chopping threshold is reached. This is shown in Figure 7-6, Item 1.
Once the chopping current threshold is reached, the H-bridge can operate in two different states, fast decay or
slow decay. In fast decay mode, once the PWM chopping current level has been reached, the H-bridge reverses
state to allow winding current to flow in a reverse direction. The opposite FETs are turned on; as the winding
current approaches zero, the bridge is disabled to prevent any reverse current flow. Fast decay mode is shown
in Figure 7-6, item 2. In slow decay mode, winding current is re-circulated by enabling both of the low-side FETs
in the bridge. This is shown in Figure 7-6, Item 3.
Figure 7-6. Decay Modes
The decay mode is selected by the DECAY register as shown in Table 7-7.
Table 7-7. Decay Mode Settings
DECAY
INCREASING STEPS
DECREASING STEPS
000b
Slow decay
Slow decay
001b
Slow decay
Mixed decay: 30% fast
010b
Slow decay
Mixed decay: 60% fast
011b
Slow decay
Fast decay
100b
Mixed decay: 30% fast
Mixed decay: 30% fast
101b
Mixed decay: 60% fast
Mixed decay: 60% fast
110b
Smart tune Dynamic Decay
Smart tune Dynamic Decay
111b (default)
Smart tune Ripple Control
Smart tune Ripple Control
Figure 7-7 defines increasing and decreasing current. For the slow-mixed decay mode, the decay mode is set as
slow during increasing current steps and mixed decay during decreasing current steps. In full step and
noncircular 1/2-step operation, the decay mode corresponding to decreasing steps is always used.
DRV8889-Q1
SLVSEE9C – APRIL 2020 – REVISED AUGUST 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8889-Q1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn