Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DRV8889-Q1 Datasheet(PDF) 52 Page - Texas Instruments

Part No. DRV8889-Q1
Description  DRV8889-Q1, DRV8889A-Q1 Automotive Stepper Driver with Integrated Current Sense, 1/256 Micro-Stepping, and Stall Detection
Download  88 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

DRV8889-Q1 Datasheet(HTML) 52 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
Table 7-29. CTRL5 Control Register Field Descriptions for DRV8889-Q1 (continued)
Bit
Field
Type
Default
Description
5
STL_LRN
R/W
0b
Write '1' to learn stall count for stall detection. This bit
automatically returns to '0' when the stall learning process is
complete.
4
EN_STL
R/W
0b
0b = Stall detection is disabled
1b = Stall detection is enabled
3
STL_REP
R/W
1b
0b = Stall detection i s not reported on nFAULT
1b = Stall detection is reported on nFAULT
2-0
RSVD
R/W
000b
Reserved. Should always be '000'.
7.6.11 CTRL6 Control Register (address = 0x08)
CTRL6 is shown in Figure 7-43 and described in Table 7-30.
Read/Write
Figure 7-43. CTRL6 Control Register
7
6
5
4
3
2
1
0
STALL_TH [7:0]
R/W-00001111b
Table 7-30. CTRL6 Control Register Field Descriptions
Bit
Field
Type
Default
Description
7-0
STALL_TH [7:0]
R/W
00001111b 00000000b = 0 count
XXXXXXXXb = 1 to 254 counts
11111111b = 255 counts
7.6.12 CTRL7 Control Register (address = 0x09)
CTRL7 is shown in Figure 7-44 and described in Table 7-31.
Read-only
Figure 7-44. CTRL7 Control Register
7
6
5
4
3
2
1
0
TRQ_COUNT [7:0]
R-11111111b
Table 7-31. CTRL7 Control Register Field Descriptions
Bit
Field
Type
Default
Description
7-0
TRQ_COUNT [7:0]
R
11111111b
00000000b = 0 count
XXXXXXXXb = 1 to 254 counts
11111111b = 255 counts
7.6.13 CTRL8 Control Register (address = 0x0A)
CTRL8 is shown in Figure 7-45 and described in Table 7-32.
Read-only
DRV8889-Q1
SLVSEE9C – APRIL 2020 – REVISED AUGUST 2020
www.ti.com
52
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8889-Q1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn