Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DRV8889-Q1 Datasheet(PDF) 49 Page - Texas Instruments

Part No. DRV8889-Q1
Description  DRV8889-Q1, DRV8889A-Q1 Automotive Stepper Driver with Integrated Current Sense, 1/256 Micro-Stepping, and Stall Detection
Download  88 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

DRV8889-Q1 Datasheet(HTML) 49 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
Read/Write
Figure 7-37. CTRL2 Control Register for DRV8889-Q1
7
6
5
4
3
2
1
0
DIS_OUT
RSVD
TOFF [1:0]
DECAY [2:0]
R/W-0b
R/W-00b
R/W-01b
R/W-111b
Figure 7-38. CTRL2 Control Register for DRV8889A-Q1
7
6
5
4
3
2
1
0
DIS_OUT
RSVD
TOFF [1:0]
DECAY [2:0]
R/W-1b
R/W-00b
R/W-01b
R/W-111b
Table 7-25. CTRL2 Control Register Field Descriptions for DRV8889-Q1
Bit
Field
Type
Default
Description
7
DIS_OUT
R/W
0b (DRV8889-Q1)
1b (DRV8889A-Q1)
Write '1' to Hi-Z all outputs. Write '0' to enable all outputs. OR'ed with
DRVOFF pin. To prevent false OL detection, ensure OL fault detection
is disabled by writing '0' to EN_OL bit, before making the outputs Hi-Z
by writing '1' to DIS_OUT.
6-5
RSVD
R/W
00b
Reserved
4-3
TOFF [1:0]
R/W
01b
00b = 7 µs
01b = 16 µs
10b = 24 µs
11b = 32 µs
2-0
DECAY [2:0]
R/W
111b
000b = Increasing SLOW, decreasing SLOW
001b = Increasing SLOW, decreasing MIXED 30%
010b = Increasing SLOW, decreasing MIXED 60%
011b = Increasing SLOW, decreasing FAST
100b = Increasing MIXED 30%, decreasing MIXED 30%
101b = Increasing MIXED 60%, decreasing MIXED 60%
110b = Smart tune Dynamic Decay
111b = Smart tune Ripple Control
7.6.8 CTRL3 Control Register (address = 0x05)
CTRL3 is shown in Figure 7-39 and described in Table 7-26.
Read/Write
Figure 7-39. CTRL3 Control Register
7
6
5
4
3
2
1
0
DIR
STEP
SPI_DIR
SPI_STEP
MICROSTEP_MODE [3:0]
R/W-0b
R/W-0b
R/W-0b
R/W-0b
R/W-0000b
Table 7-26. CTRL3 Control Register Field Descriptions
Bit
Field
Type
Default
Description
7
DIR
R/W
0b
Direction input. Logic '1' sets the direction of stepping, when
SPI_DIR = 1.
6
STEP
R/W
0b
Step input. Logic '1' causes the indexer to advance one step,
when SPI_STEP = 1. This bit is self-clearing, automatically
becomes '0' after writing '1'.
www.ti.com
DRV8889-Q1
SLVSEE9C – APRIL 2020 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: DRV8889-Q1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn