Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8714-Q1 Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8714-Q1
Description  DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Current Sense Amplifiers
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8714-Q1 Datasheet(HTML) 70 Page - Texas Instruments

Back Button DRV8714-Q1 Datasheet HTML 66Page - Texas Instruments DRV8714-Q1 Datasheet HTML 67Page - Texas Instruments DRV8714-Q1 Datasheet HTML 68Page - Texas Instruments DRV8714-Q1 Datasheet HTML 69Page - Texas Instruments DRV8714-Q1 Datasheet HTML 70Page - Texas Instruments DRV8714-Q1 Datasheet HTML 71Page - Texas Instruments DRV8714-Q1 Datasheet HTML 72Page - Texas Instruments DRV8714-Q1 Datasheet HTML 73Page - Texas Instruments DRV8714-Q1 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 144 page
background image
Table 8-44. IDRV_CTRL2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
IDRVP_2
R/W
1111b
Half-bridge 2 peak source pull up current. Alternative low current
value in parenthesis (IDRV_LO2).
0000b = 0.5 mA (50 µA)
0001b = 1 mA (110 µA)
0010b = 2 mA (170 µA)
0011b = 3 mA (230 µA)
0100b = 4 mA (290 µA)
0101b = 5 mA (350 µA)
0110b = 6 mA (410 µA)
0111b = 7 mA (600 µA)
1000b = 8 mA (725 µA)
1001b = 12 mA (850 µA)
1010b = 16 mA (1 mA)
1011b = 20 mA (1.2 mA)
1100b = 24 mA (1.4 mA)
1101b = 31 mA (1.6 mA)
1110b = 48 mA (1.8 mA)
1111b = 62 mA (2.3 mA)
3-0
IDRVN_2
R/W
1111b
Half-bridge 2 peak sink pull down current. Alternative low current
value in parenthesis (IDRV_LO2).
0000b = 0.5 mA (50 µA)
0001b = 1 mA (110 µA)
0010b = 2 mA (170 µA)
0011b = 3 mA (230 µA)
0100b = 4 mA (290 µA)
0101b = 5 mA (350 µA)
0110b = 6 mA (410 µA)
0111b = 7 mA (600 µA)
1000b = 8 mA (725 µA)
1001b = 12 mA (850 µA)
1010b = 16 mA (1 mA)
1011b = 20 mA (1.2 mA)
1100b = 24 mA (1.4 mA)
1101b = 31 mA (1.6 mA)
1110b = 48 mA (1.8 mA)
1111b = 62 mA (2.3 mA)
8.6.3.2.11 IDRV_CTRL3 Register (Address = 11h) [reset = FFh]
IDRV_CTRL3 is shown in Table 8-45.
Return to the Summary Table.
Control register to configure the source and sink current for the half-bridge 3 high-side and low-side gate drivers.
DRV8714-Q1, DRV8718-Q1
SLVSEA2 – AUGUST 2020
www.ti.com
70
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8714-Q1 DRV8718-Q1


Similar Part No. - DRV8714-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
2Mb / 144P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 167P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 178P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
REVISED AUGUST 2022
More results

Similar Description - DRV8714-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8714-Q1 TI-DRV8714-Q1_V01 Datasheet
2Mb / 144P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V02 Datasheet
4Mb / 167P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V03 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V04 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V05 Datasheet
4Mb / 178P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
REVISED AUGUST 2022
DRV8106-Q1 TI1-DRV8106-Q1 Datasheet
1Mb / 63P
[Old version datasheet]   DRV8106-Q1 Automotive Half-Bridge Smart Gate Driver With Wide Common Mode Inline Current Sense Amplifier
DRV8706-Q1 TI1-DRV8706-Q1 Datasheet
1Mb / 66P
[Old version datasheet]   DRV8706-Q1 Automotive H-Bridge Smart Gate Driver With Wide Common Mode Inline Current Sense Amplifier
DRV8904-Q1 TI1-DRV8904-Q1_V02 Datasheet
3Mb / 156P
[Old version datasheet]   DRV89xx-Q1 Automotive Multi-Channel Half-Bridge Drivers with Advanced Diagnostics
DRV8904-Q1 TI1-DRV8904-Q1_V03 Datasheet
3Mb / 158P
[Old version datasheet]   DRV89xx-Q1 Automotive Multi-Channel Half-Bridge Drivers with Advanced Diagnostics
DRV8904-Q1 TI1-DRV8904-Q1_V01 Datasheet
3Mb / 156P
[Old version datasheet]   DRV89xx-Q1 Automotive Multi-Channel Half-Bridge Drivers with Advanced Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com