Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC3230S Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # CC3230S
Description  CC3230S and CC3230SF SimpleLink??Wi-Fi짰 2.4GHz Wireless MCU with Coexistence
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3230S Datasheet(HTML) 24 Page - Texas Instruments

Back Button CC3230S Datasheet HTML 20Page - Texas Instruments CC3230S Datasheet HTML 21Page - Texas Instruments CC3230S Datasheet HTML 22Page - Texas Instruments CC3230S Datasheet HTML 23Page - Texas Instruments CC3230S Datasheet HTML 24Page - Texas Instruments CC3230S Datasheet HTML 25Page - Texas Instruments CC3230S Datasheet HTML 26Page - Texas Instruments CC3230S Datasheet HTML 27Page - Texas Instruments CC3230S Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 104 page
background image
FUNCTION
SIGNAL NAME
PIN
NO.
PIN
TYPE
SIGNAL
DIRECTION
DESCRIPTION
Multimedia card
(MMC or SD)
SDCARD_CLK
1
I/O
O
SD card clock data
7
SDCARD_CMD
2
I/O
I/O (open drain)
SD card command line
8
I/O
I/O
SDCARD_DATA0
6
I/O
I/O
SD card data
64
SDCARD_IRQ
63
I/O
I
Interrupt from SD card(3)
Parallel interface
(8-bit π)
pXCLK (XVCLK)
2
I/O
O
Free clock to parallel camera
pVS (VSYNC)
3
I/O
I
Parallel camera vertical sync
pHS (HSYNC)
4
I/O
I
Parallel camera horizontal sync
pDATA8 (CAM_D4)
5
I/O
I
Parallel camera data bit 4
pDATA9 (CAM_D5)
6
I/O
I
Parallel camera data bit 5
pDATA10 (CAM_D6)
7
I/O
I
Parallel camera data bit 6
pDATA11 (CAM_D7)
8
I/O
I
Parallel camera data bit 7
pCLK (PIXCLK)
55
I/O
I
Pixel clock from parallel camera sensor
pDATA7 (CAM_D3)
58
I/O
I
Parallel camera data bit 3
pDATA6 (CAM_D2)
59
I/O
I
Parallel camera data bit 2
pDATA5 (CAM_D1)
60
I
I
Parallel camera data bit 1
pDATA4 (CAM_D0)
61
I/O
I
Parallel camera data bit 0
Power
VDD_DIG1
9
Internal digital core voltage
VIN_IO1
10
Device supply voltage (VBAT)
VDD_PLL
24
Internal analog voltage
LDO_IN2
25
Internal analog RF supply from analog DC/DC output
VDD_PA_IN
33
Internal PA supply voltage from PA DC/DC output
LDO_IN1
36
Internal analog RF supply from analog DC/DC output
VIN_DCDC_ANA
37
Analog DC/DC input (connected to device input supply
[VBAT])
DCDC_ANA_SW
38
Internal analog DC/DC switching node
VIN_DCDC_PA
39
PA DC/DC input (connected to device input supply
[VBAT])
DCDC_PA_SW_P
40
Internal PA DC/DC switching node
DCDC_PA_SW_N
41
Internal PA DC/DC switching node
DCDC_PA_OUT
42
Internal PA buck converter output
DCDC_DIG_SW
43
Internal digital DC/DC switching node
VIN_DCDC_DIG
44
Digital DC/DC input (connected to device input supply
[VBAT])
DCDC_ANA2_SW_P
45(1)
Analog to DC/DC converter +ve switching node
DCDC_ANA2_SW_N
46
Internal analog to DC/DC converter –ve switching node
VDD_ANA2
47
Internal analog to DC/DC output
VDD_ANA1
48
Internal analog supply fed by ANA2 DC/DC output
VDD_RAM
49
Internal SRAM LDO output
VIN_IO2
54
Device supply voltage (VBAT)
VDD_DIG2
56
Internal digital core voltage
Reset
nRESET
32
I
I
Global master device reset (active low)
RF
RF_BG
31
I/O
I/O
WLAN analog RF 802.11 b/g/n bands
CC3230S, CC3230SF
SWRS226 – FEBRUARY 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC3230S CC3230SF


Similar Part No. - CC3230S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3235MODAS TI1-CC3235MODAS Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODASF TI1-CC3235MODASF Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODASF12MON TI1-CC3235MODASF12MON Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODASF12MONR TI1-CC3235MODASF12MONR Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODASM2MON TI1-CC3235MODASM2MON Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
More results

Similar Description - CC3230S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3130 TI-CC3130 Datasheet
2Mb / 75P
[Old version datasheet]   CC3130 SimpleLink??Wi-Fi짰 Wireless Network Processor with Coexistence for MCU Applications
CC3200 TI-CC3200_15 Datasheet
2Mb / 71P
[Old version datasheet]   CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
CC3220MOD_017 TI1-CC3220MOD_017 Datasheet
2Mb / 100P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
CC3220R TI1-CC3220R_18 Datasheet
2Mb / 92P
[Old version datasheet]   SimpleLink Wi-Fi Single-Chip Wireless MCU Solutions
CC3000-TYPEVK TI1-CC3000-TYPEVK Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by Murata
CC3000-TYPEVK TI-CC3000-TYPEVK Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by Murata
CC3000-TIWI-SL TI-CC3000-TIWI-SL Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by LS Research
CC3220 TI1-CC3220 Datasheet
2Mb / 84P
[Old version datasheet]   SimpleLink Wi-Fi Wireless and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3235MODS TI1-CC3235MODS_V01 Datasheet
2Mb / 106P
[Old version datasheet]   CC3235MODx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com